Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 262Page - Renesas Technology Corp R8C/14 Datasheet HTML 263Page - Renesas Technology Corp R8C/14 Datasheet HTML 264Page - Renesas Technology Corp R8C/14 Datasheet HTML 265Page - Renesas Technology Corp R8C/14 Datasheet HTML 266Page - Renesas Technology Corp R8C/14 Datasheet HTML 267Page - Renesas Technology Corp R8C/14 Datasheet HTML 268Page - Renesas Technology Corp R8C/14 Datasheet HTML 269Page - Renesas Technology Corp R8C/14 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 277 page
background image
C - 1
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
Rev.
Date
Description
Page
Summary
0.10
May 17, 2004
−
First Edition issued
0.20
Jul 12, 2004
−
Rev.0.20 issued
0.30
Aug 06, 2004
all pages
2
3
9
10
14,15
16
18
19
20-25
26-35
37
40
41
42
44
47
48
52
60
61
62
68
72
74
75
80-84
87
89
90
91
92
93
94
95
97
98
99
100
105
107
Words standardized (on-chip oscillator, serial interface, SSU)
Table 1.1 revised
Table 1.2 revised
Table 1.5 revised
Table 1.6 added
“Address Break” in Figures 3.1 and 3.2 ; notes added
Table 4.1, HRA2 Register at 0022h added ; NOTE2 to 6 revised
Table 4.3 the value after reset to FFh at 009Ch to 009Fh revised
Tabel 4.4, the value after reset to FFh at 009Ch to 009Fh revised ;
NOTES added
Compositions and contents of “5. Reset” modified
Compositions and contents of “6. Voltage Detection Circuit” modified
Figure 7.2, function of b0 revised
Figure 9.1 revised
Figure 9.2, “System” at CM06 bit added
Figure 9.3, “System” at CM16 and CM17 bits added
Figure 9.5 revised
9.2.2, “The oscillation starts...HRA2 registers” added
9.3.1 added
9.3.3 “The clock...divided-by-i”added
Table 9.4 revised
11.1.3.4, “Address Break Interrup” added ; the referred distination to “20.
On-Chip Debugger” revised
Table 11.1, some referred distinations revised
Table 11.2, some referred distinations revised
Figures 11.7 and 11.8 added
11.2.1, “The INT0 pin...timer Z” added
11.2.3, “The INT0 pin...CNTR01 pin” added
11.2.4, “The INT3 pin is used with the TCIN pin” added
Compositions and contents of “12. Watchdog Timer” modified
Figure 13.2 revised
Table 13.2 revised
Table 13.3 revised
Figure 13.5 revised
Table 13.4 revised
Figure 13.6 revised
Table 13.5 revised
Figure 13.7 revised
Table 13.6 revised
Figure 13.9 revised
Figure 13.10 revised
13.2 revised
Table 13.7 revised
Table 13.8 revised
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com