Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 36Page - Renesas Technology Corp R8C/16 Datasheet HTML 37Page - Renesas Technology Corp R8C/16 Datasheet HTML 38Page - Renesas Technology Corp R8C/16 Datasheet HTML 39Page - Renesas Technology Corp R8C/16 Datasheet HTML 40Page - Renesas Technology Corp R8C/16 Datasheet HTML 41Page - Renesas Technology Corp R8C/16 Datasheet HTML 42Page - Renesas Technology Corp R8C/16 Datasheet HTML 43Page - Renesas Technology Corp R8C/16 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 279 page
background image
R8C/16 Group, R8C/17 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 27 of 254
REJ09B0169-0210
Figure 6.3
Block Diagram of Voltage Monitor 2 Interrupt / Reset Generation Circuit
+
-
1/2
1/2
1/2
Voltage Detection 2 Circuit
VCA27
VCC
Internal
Reference
voltage
VCA13
Noise Filter
(Filter Width: 200ns)
Voltage detection 2 signal
is held “H” when VCA27 bit
is set to “0” (disabled)
Voltage
Detection
2 signal
Digital
Filter
fRING-S
VW2F1 to VW2F0
=00b
=01b
=10b
=11b
VW2C1
VW2C2 bit is set to “0” (not detected)
by writing “0” by program.
When VCA27 bit is set to “0” (voltage
detection 2 circuit disabled), VW2C2
bit is set to “0”
VW2C2
VW2C7
VW2C3
Watchdog Timer Block
Watchdog Timer
Underflow Signal
This bit is set to “0” (not detected) by writing
“0” by program.
VW2C0
VW2C6
Non-Maskable
Interrupt Signal
Voltage Monitor 2
Interrupt Signal
Watchdog
Timer Interrupt
Signal
Oscillation Stop
Detection
Interrupt Signal
Voltage Monitor 2 Interrupt / Reset Generation Circuit
VW2C0 to VW2C3, VW2F2, VW2F1, VW2C6, VW2C7: Bits in VW2C register
VCA13: Bit in VCA1 register
VCA27: Bit in VCA2 register
Voltage
Monitor 2
Reset
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com