Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 52Page - Renesas Technology Corp R8C/16 Datasheet HTML 53Page - Renesas Technology Corp R8C/16 Datasheet HTML 54Page - Renesas Technology Corp R8C/16 Datasheet HTML 55Page - Renesas Technology Corp R8C/16 Datasheet HTML 56Page - Renesas Technology Corp R8C/16 Datasheet HTML 57Page - Renesas Technology Corp R8C/16 Datasheet HTML 58Page - Renesas Technology Corp R8C/16 Datasheet HTML 59Page - Renesas Technology Corp R8C/16 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 43 of 254
REJ09B0169-0210
Figure 9.5
HRA0 Register
High-speed On-Chip Oscillator Control Register 0
(1)
Symbol
Address
After Reset
HRA0
0020h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
000000
HRA00
RW
HRA01
RW
High-Speed On-Chip Oscillator
Enable Bit
0 : High-speed on-chip oscillator off
1 : High-speed on-chip oscillator on
High-speed On-Chip Oscillator Select
Bit(2)
0 : Selects low -speed on-chip oscillator(3)
1 : Selects high-speed on-chip oscillator
Change the HRA01 bit under the follow ing conditions.
• HRA00 = 1 (high-speed on-chip oscillation)
• The CM14 bit in the CM1 register = 0 (low -speed on-chip oscillator on)
When setting the HRA01 bit to “0” (selects low -speed on-chip oscillator), do not set the HRA00 bit to “0” (high-speed
on-chip oscillator off) at the same time.
Set the HRA00 bit to “0” after setting the HRA01 bit to “0”.
—
(b7-b2)
Reserved Bit
Set to “0”
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com