Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 50Page - Renesas Technology Corp R8C/16 Datasheet HTML 51Page - Renesas Technology Corp R8C/16 Datasheet HTML 52Page - Renesas Technology Corp R8C/16 Datasheet HTML 53Page - Renesas Technology Corp R8C/16 Datasheet HTML 54Page - Renesas Technology Corp R8C/16 Datasheet HTML 55Page - Renesas Technology Corp R8C/16 Datasheet HTML 56Page - Renesas Technology Corp R8C/16 Datasheet HTML 57Page - Renesas Technology Corp R8C/16 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 41 of 254
REJ09B0169-0210
Figure 9.3
CM1 Register
System Clock Control Register 1
(1)
Symbol
Address
After Reset
CM1
0007h
20h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7.
8.
When entering stop mode from high or middle speed mode, this bit is set to “1” (drive capacity HIGH).
Set the PRC0 bit in the PRCR register to “1” (enables w riting) before rew riting to this register.
b7 b6 b5 b4 b3 b2 b1 b0
00
CM10
All Clock Stop Control Bit(4,7,8)
0 : Clock oscillates
1 : All Clocks stop (stop mode)
RW
—
(b1)
Reserved Bit
Set to “0”
RW
—
(b2)
Reserved Bit
Set to “0”
RW
CM13
Port XIN-XOUT Sw itch Bit(7)
0 : Input port P4_6, P4_7
1 : XIN-XOUT Pin
RW
CM14
Low -speed On-Chip Oscillation Stop
Bit(5,6,8)
0 : Low -speed on-chip oscillator on
1 : Low -speed on-chip oscillator off
RW
CM15
XIN-XOUT Drive Capacity Select Bit(2) 0 : LOW
1 : HIGH
RW
CM17
RW
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode
System Clock Division Select Bit 1(3)
CM16
RW
When the CM10 bit is set to “1” (stop mode) or the CM05 bit in the CM0 register to “1” (main clock stops) and the
CM13 bit is set to “1” (XIN-XOUT pin), the XOUT (P4_7) pin becomes “H”.
When the CM13 bit is set to “0” (input ports, P4_6, P4_7), the P4_7 (XOUT) enters input mode.
In count source protect mode (Refer to 12.2 Count Source Protect Mode), the value remains unchanged even if
the CM10 and CM14 bits are set.
When the CM06 bit is set to “0” (CM16, CM17 bits enabled), this bit is enabled.
When the CM10 bit is set to “1” (stop mode), the internal feedback resistor is disabled.
When the OCD2 bit is set to “0” (selects main clock), the CM14 bit is set to “1” (stops low -speed
on-chip oscillator). When the OCD2 bit is set to “1” (selects on-chip oscillator clock), the CM14 bit is set to “0”
(low -speed on-chip oscillator on). It remains unchanged even if it is set to “1”.
When using the voltage detection interrupt, CM14 bit is set to “0” (low -speed on-chip oscillator on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com