Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 47Page - Renesas Technology Corp R8C/16 Datasheet HTML 48Page - Renesas Technology Corp R8C/16 Datasheet HTML 49Page - Renesas Technology Corp R8C/16 Datasheet HTML 50Page - Renesas Technology Corp R8C/16 Datasheet HTML 51Page - Renesas Technology Corp R8C/16 Datasheet HTML 52Page - Renesas Technology Corp R8C/16 Datasheet HTML 53Page - Renesas Technology Corp R8C/16 Datasheet HTML 54Page - Renesas Technology Corp R8C/16 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 38 of 254
REJ09B0169-0210
9.
Clock Generation Circuit
The MCU has two on-chip clock generation circuits:
• Main clock oscillation circuit
• On-chip oscillator (oscillation stop detection function)
Table 9.1 lists a Clock Generation Circuit Specification. Figure 9.1 shows a Clock Generation Circuit.
Figures 9.2 to 9.5 show clock-associated registers.
NOTES:
1. This pin can be used as P4_6 and P4_7 when using the on-chip oscillator clock for a CPU clock
while the main clock oscillation circuit is not used.
Table 9.1
Clock Generation Circuit Specification
Item
Main Clock
Oscillation Circuit
On-Chip Oscillator
High-Speed On-Chip Oscillator
Low-Speed On-Chip Oscillator
Use of Clock
• CPU clock source
• Peripheral
function clock
source
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when main
clock stops oscillating
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when main
clock stops oscillating
Clock Frequency 0 to 20MHz
Approx. 8MHz
Approx. 125kHz
Connectable
Oscillator
•Ceramic
resonator
• Crystal oscillator
−−
Oscillator
Connect Pins
XIN, XOUT(1)
(Note 1)
(Note 1)
Oscillation Stop,
Restart Function
Usable
Usable
Usable
Oscillator Status
After Reset
Stop
Stop
Oscillate
Others
Externally
generated clock
can be input
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com