Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 44Page - Renesas Technology Corp R8C/16 Datasheet HTML 45Page - Renesas Technology Corp R8C/16 Datasheet HTML 46Page - Renesas Technology Corp R8C/16 Datasheet HTML 47Page - Renesas Technology Corp R8C/16 Datasheet HTML 48Page - Renesas Technology Corp R8C/16 Datasheet HTML 49Page - Renesas Technology Corp R8C/16 Datasheet HTML 50Page - Renesas Technology Corp R8C/16 Datasheet HTML 51Page - Renesas Technology Corp R8C/16 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 279 page
background image
R8C/16 Group, R8C/17 Group
7. Processor Mode
Rev.2.10
Jan 19, 2006
Page 35 of 254
REJ09B0169-0210
7.
Processor Mode
7.1
Types of Processor Mode
Single-chip mode can be selected as processor mode. Table 7.1 lists Features of Processor Mode.
Figure 7.1 shows the PM0 Register and Figure 7.2 shows the PM1 Register.
Figure 7.1
PM0 Register
Table 7.1
Features of Processor Mode
Processor Mode
Access Area
Pins to which I/O ports are
assigned
Single-Chip Mode
SFR, Internal RAM, Internal ROM All pins are I/O ports or peripheral
function I/O pins
Processor Mode Register 0
(1)
Symbol
Address
After Reset
PM0
0004h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
b3 b2
—
b1 b0
00
0
—
(b2-b0)
b7 b6 b5 b4
RW
Reserved Bit
Set to “0”
Set the PRC1 bit in the PRCR register to “1” (w rite enable) before rew riting to the PM0 register.
The microcomputer is reset w hen this bit
is set to “1”. When read, its content is “0”.
RW
—
(b7-b4)
PM03
Softw are Reset Bit
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com