Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 20Page - Renesas Technology Corp R8C/16 Datasheet HTML 21Page - Renesas Technology Corp R8C/16 Datasheet HTML 22Page - Renesas Technology Corp R8C/16 Datasheet HTML 23Page - Renesas Technology Corp R8C/16 Datasheet HTML 24Page - Renesas Technology Corp R8C/16 Datasheet HTML 25Page - Renesas Technology Corp R8C/16 Datasheet HTML 26Page - Renesas Technology Corp R8C/16 Datasheet HTML 27Page - Renesas Technology Corp R8C/16 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 279 page
background image
R8C/16 Group, R8C/17 Group
2. Central Processing Unit (CPU)
Rev.2.10
Jan 19, 2006
Page 11 of 254
REJ09B0169-0210
2.1
Data Registers (R0, R1, R2 and R3)
R0 is a 16-bit register for transfer, arithmetic and logic operations. The same applies to R1 to R3. The
R0 can be split into high-order bit (R0H) and low-order bit (R0L) to be used separately as 8-bit data
registers. The same applies to R1H and R1L as R0H and R0L. R2 can be combined with R0 to be used
as a 32-bit data register (R2R0). The same applies to R3R1 as R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing.
They also are used for transfer, arithmetic and logic operations. The same applies to A1 as A0. A0 can
be combined with A0 to be used as a 32-bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register indicates the start address of an interrupt vector table.
2.5
Program Counter (PC)
PC, 20 bits wide, indicates the address of an instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointer (SP), USP and ISP, are 16 bits wide each. The U flag of FLG is used to switch
between USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is a 11-bit register indicating the CPU state.
2.8.1
Carry Flag (C)
The C flag retains a carry, borrow, or shift-out bit that has occurred in the arithmetic logic unit.
2.8.2
Debug Flag (D)
The D flag is for debug only. Set to “0”.
2.8.3
Zero Flag (Z)
The Z flag is set to “1” when an arithmetic operation resulted in 0; otherwise, “0”.
2.8.4
Sign Flag (S)
The S flag is set to “1” when an arithmetic operation resulted in a negative value; otherwise, “0”.
2.8.5
Register Bank Select Flag (B)
The register bank 0 is selected when the B flag is “0”. The register bank 1 is selected when this flag
is set to “1”.
2.8.6
Overflow Flag (O)
The O flag is set to “1” when the operation resulted in an overflow; otherwise, “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com