Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 87Page - Renesas Technology Corp R8C/16 Datasheet HTML 88Page - Renesas Technology Corp R8C/16 Datasheet HTML 89Page - Renesas Technology Corp R8C/16 Datasheet HTML 90Page - Renesas Technology Corp R8C/16 Datasheet HTML 91Page - Renesas Technology Corp R8C/16 Datasheet HTML 92Page - Renesas Technology Corp R8C/16 Datasheet HTML 93Page - Renesas Technology Corp R8C/16 Datasheet HTML 94Page - Renesas Technology Corp R8C/16 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 279 page
background image
R8C/16 Group, R8C/17 Group
12. Watchdog Timer
Rev.2.10
Jan 19, 2006
Page 78 of 254
REJ09B0169-0210
12. Watchdog Timer
The watchdog timer is a function to detect when the program is out of control. To use the watchdog timer is
recommend for improving reliability of a system. The watchdog timer contains a 15-bit counter and can
select count source protection mode is enabled or disabled. Table 12.1 lists the Count Source Protection
Mode is Enabled / Disabled.
Refer to 5.5 Watchdog Timer Reset for details of the watchdog timer reset.
Figure 12.1 shows the Block Diagram of Watchdog Timer and Figures 12.2 to 12.3 show the OFS, WDC,
WDTR, WDTS and CSPR Registers.
Figure 12.1
Block Diagram of Watchdog Timer
Table 12.1
Count Source Protection Mode is Enabled / Disabled
Item
When Count Source Protection
Mode is Disabled
When Count Source Protection
Mode is Enabled
Count Source
CPU clock
Low-speed on-chip oscillator
clock
Count Operation
Decrement
Reset Condition of Watchdog
Timer
• Reset
• Write “00h” to the WDTR register before writing “FFh”
• Underflow
Count Start Condition
Either of following can be selected
• After reset, count starts automatically
• Count starts by writing to WDTS register
Count Stop Condition
Stop mode, wait mode
None
Operation at the time of
Underflow
Watchdog timer interrupt or
watchdog timer reset
Watchdog timer reset
CPU Clock
1/16
1/128
Watchdog Timer
Internal
Reset Signal
Write to WDTR register
WDC7=0
WDC7=1
Set to
“7FFFh”(1)
PM12=1
Watchdog
Timer Reset
PM12=0
Watchdog Timer
Interrupt Request
Prescaler
CSPRO=0
fRING-S
CSPRO=1
CSPRO : Bit in CSPR register
WDC7 : Bit in WDC register
NOTES:
1. When the CSPRO bit is set to “1” (count source protection mode enabled), “0FFFh” is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com