Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 53Page - Renesas Technology Corp R8C/16 Datasheet HTML 54Page - Renesas Technology Corp R8C/16 Datasheet HTML 55Page - Renesas Technology Corp R8C/16 Datasheet HTML 56Page - Renesas Technology Corp R8C/16 Datasheet HTML 57Page - Renesas Technology Corp R8C/16 Datasheet HTML 58Page - Renesas Technology Corp R8C/16 Datasheet HTML 59Page - Renesas Technology Corp R8C/16 Datasheet HTML 60Page - Renesas Technology Corp R8C/16 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 44 of 254
REJ09B0169-0210
Figure 9.6
HRA1 and HRA2 Registers
High-speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
HRA1
0021h
When Shipping
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
RW
Function
The frequency of high-speed on-chip oscillator is adjusted w ith bits 0 to 7.
High-speed on-chip oscillator frequency = 8MHz
(HRA1 register = value w hen shipping ; fRING-fast mode 0)
Set the value of the HRA1 register to smaller (minimum value : 00h), the frequency w ill be
higher
Set the value of the HRA1 register to larger (maximum value : FFh), the frequecny w ill be
low er
b3 b2 b1 b0
b7 b6 b5 b4
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
HRA2
0022h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
2.
3.
4.
b7 b6 b5 b4 b3 b2 b1 b0
000
HRA20
RW
HRA21
RW
High-Speed On-Chip Oscillator Mode
Select Bit
b1 b0
0 0 : fRING-fast mode 0(2)
0 1 : fRING-fast mode 1(3)
1 0 : fRING-fast mode 2(4)
1 1 : Do not set
High-speed on-chip oscillator frequency = 8MHz (HRA1 register = value w hen shipping)
If fRING-fast mode 0 is sw itched to fRING-fast mode 1, frequency w ill increase 1.5 times.
If fRING-fast mode 0 is sw itched to fRING-fast mode 2, frequency w ill increase 0.5 times.
—
(b4-b2)
Reserved Bit
Set to “0”
RW
—
(b7-b5)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com