Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 74Page - Renesas Technology Corp R8C/16 Datasheet HTML 75Page - Renesas Technology Corp R8C/16 Datasheet HTML 76Page - Renesas Technology Corp R8C/16 Datasheet HTML 77Page - Renesas Technology Corp R8C/16 Datasheet HTML 78Page - Renesas Technology Corp R8C/16 Datasheet HTML 79Page - Renesas Technology Corp R8C/16 Datasheet HTML 80Page - Renesas Technology Corp R8C/16 Datasheet HTML 81Page - Renesas Technology Corp R8C/16 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 65 of 254
REJ09B0169-0210
11.1.6.5
Interrupt Response Time
Figure 11.6 shows an Interrupt Response Time. The interrupt response time is the period between
an interrupt request generation and the execution of the first instruction in an interrupt routine. An
interrupt response time includes the period between an interrupt request generation and the
completed execution of an instruction (see #a in Figure 11.6) and the period required to perform an
interrupt sequence (20 cycles, see #b in Figure 11.6).
Figure 11.6
Interrupt Response Time
11.1.6.6
IPL Change when Interrupt Request is Acknowledged
When an interrupt request of a maskable interrupt is acknowledged, the interrupt priority level of the
acknowledged interrupt is set in the IPL.
When a software interrupt and special interrupt request are acknowledged, the value listed in Table
11.5 is set to the IPL. Table 11.5 lists the IPL Value When Software or Special Interrupts Is
Acknowledged.
Table 11.5
IPL Value When Software or Special Interrupts Is Acknowledged
Interrupt Factor
Value Set to IPL
Watchdog Timer, Oscillation Stop Detection, Voltage Monitor 2 7
Software, Address Match, Single-Step
Not changed
Interrupt request is generated Interrupt request is acknowledged
Instruction
Interrupt Sequence
Instruction in
interrupt routine
Time
(a)
20 Cycles (b)
Interrupt Response Time
(a) Period between an interrupt request generation and the completed execution of an
instruction. The length of this time varies depending on the instruction being executed.
The DIVX instruction requires the longest time; 30 cycles (no wait and when the register
is set as the divisor)
(b) 21 cycles for address match and single-step interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com