Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 86Page - Renesas Technology Corp R8C/16 Datasheet HTML 87Page - Renesas Technology Corp R8C/16 Datasheet HTML 88Page - Renesas Technology Corp R8C/16 Datasheet HTML 89Page - Renesas Technology Corp R8C/16 Datasheet HTML 90Page - Renesas Technology Corp R8C/16 Datasheet HTML 91Page - Renesas Technology Corp R8C/16 Datasheet HTML 92Page - Renesas Technology Corp R8C/16 Datasheet HTML 93Page - Renesas Technology Corp R8C/16 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 77 of 254
REJ09B0169-0210
Figure 11.19
AIER and RMAD0 to RMAD1 Registers
Address Match Interrupt Register i(i=0,1)
b0
Symbol
Address
After Reset
RMAD0
0012h-0010h
X00000h
RMAD1
0016h-0014h
X00000h
Setting Range
RW
(b15)
b7
(b8)
b0 b7
00000h to FFFFFh
Function
RW
—
—
(b7-b4)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
Address setting register for address match interrupt
(b16)
b0
(b19)
b3
(b23)
b7
Address Match Interrupt Enable Register
Symbol
Address
After Reset
AIER
0009h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b2)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
b7 b6 b5 b4
0 : Disable
1 : Enable
RW
b3 b2 b1 b0
Address Match Interrupt 0 Enable Bit 0 : Disable
1 : Enable
RW
AIER1
Address Match Interrupt 1 Enable Bit
AIER0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com