Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 63Page - Renesas Technology Corp R8C/16 Datasheet HTML 64Page - Renesas Technology Corp R8C/16 Datasheet HTML 65Page - Renesas Technology Corp R8C/16 Datasheet HTML 66Page - Renesas Technology Corp R8C/16 Datasheet HTML 67Page - Renesas Technology Corp R8C/16 Datasheet HTML 68Page - Renesas Technology Corp R8C/16 Datasheet HTML 69Page - Renesas Technology Corp R8C/16 Datasheet HTML 70Page - Renesas Technology Corp R8C/16 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 54 of 254
REJ09B0169-0210
Figure 9.9
Procedure of Switching Clock Source From Low-Speed On-Chip Oscillator to Main
Clock
Table 9.6
Determine Interrupt Factor of Oscillation Stop Detection, Watchdog Timer and
Voltage Monitor 2 Interrupts
Generated Interrupt Factor
Bit Showing Interrupt Factor
Oscillation Stop Detection
( (a) or (b) )
(a) OCD3 bit in OCD register = 1
(b) OCD1 to OCD0 bits in OCD register = 11b and the OCD2 bit = 1
Watchdog Timer
VW2C3 bit in VW2C register = 1
Voltage Monitor 2
VW2C2 bit in VW2C register = 1
Determine OCD3 Bit
1(Main Clock Stop)
0(Main Clock oscillate)
Set OCD1 to OCD0 bits to “00b”
(oscillation stop detection function
disabled)
Set OCD2 bit to “0”
(select Main Clock)
End
Switch to Main clock
OCD3 to OCD0 bits: Bits in OCD register
Judge several times
Determine several times that the main clock is supplied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com