Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 60Page - Renesas Technology Corp R8C/16 Datasheet HTML 61Page - Renesas Technology Corp R8C/16 Datasheet HTML 62Page - Renesas Technology Corp R8C/16 Datasheet HTML 63Page - Renesas Technology Corp R8C/16 Datasheet HTML 64Page - Renesas Technology Corp R8C/16 Datasheet HTML 65Page - Renesas Technology Corp R8C/16 Datasheet HTML 66Page - Renesas Technology Corp R8C/16 Datasheet HTML 67Page - Renesas Technology Corp R8C/16 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 51 of 254
REJ09B0169-0210
9.4.3
Stop Mode
Since the oscillator circuits stop in stop mode, the CPU clock and peripheral function clock stop and
the CPU and peripheral functions operated by these clocks stop operating. The least power required
to operate the microcomputer is in stop mode. If the voltage applied to the VCC pin is VRAM or
more, the internal RAM is maintained.
The peripheral functions operated by external signals maintain operating. Table 9.4 lists Interrupts to
Exit Stop Mode and Usage Conditions.
9.4.3.1
Entering Stop Mode
The microcomputer enters stop mode by setting the CM10 bit in the CM1 register to “1” (all clocks
stop). At the same time, the CM06 bit in the CM0 register is set to “1” (divide-by-8 mode) and the
CM15 bit in the CM10 register is set to “1” (drive capacity HIGH of main clock oscillator circuit).
When using stop mode, set the OCD1 to OCD0 bits to “00b” (oscillation stop detection function
disabled) before entering stop mode.
9.4.3.2
Pin Status in Stop Mode
The status before entering stop mode is maintained.
However, when the CM13 bit in the CM1 register is set to “1” (XIN-XOUT pins), the XOUT(P4_7) pin
is held “H”. When the CM13 bit is set to “0” (input port P4_6 and P4_7), the P4_7(XOUT) is held in
input status.
9.4.3.3
Exiting Stop Mode
The microcomputer exits stop mode by a hardware reset or peripheral function interrupt.
When using a hardware reset to exit stop mode, set the ILVL2 to ILVL0 bits for the peripheral function
interrupts to “000b” (disables interrupts) before setting the CM10 bit to “1”.
When using a peripheral function interrupt to exit stop mode, set up the following before setting the
CM10 bit to “1”.
(1) Set the interrupt priority level to the ILVL2 to ILVL0 bits of the peripheral function interrupts to
use for exiting stop mode. Set the ILVL2 to ILVL0 bits of the peripheral function interrupts not
to use for exiting stop mode to “000b” (disables interrupt).
(2) Set the I flag to “1”.
(3) Operates the peripheral function to use for exiting stop mode.
When an interrupt request is generated and the CPU clock supply is started if exiting by the
peripheral function interrupt, an interrupt sequence is executed.
The CPU clock, when exiting stop mode by a peripheral function interrupt, is the divide-by-8 of the
clock which is used before entering stop mode.
Table 9.4
Interrupts to Exit Stop Mode and Usage Conditions
Interrupt
Usage Conditions
Key Input Interrupt
−
INT0 to INT1 Interrupts
INT0 is usable if there is no filter
INT3 Interrupt
No filter. Interrupt request is generated at INT3 input. (TCC06 bit
in TCC0 register is set to “1”)
Timer X Interrupt
When external pulse is counted in event counter mode
Serial Interface Interrupt
When external clock is selected
Voltage Monitor 2 Interrupt
Usable in digital filter disabled mode (VW2C1 bit in VW2C register
is set to “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com