Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 85Page - Renesas Technology Corp R8C/16 Datasheet HTML 86Page - Renesas Technology Corp R8C/16 Datasheet HTML 87Page - Renesas Technology Corp R8C/16 Datasheet HTML 88Page - Renesas Technology Corp R8C/16 Datasheet HTML 89Page - Renesas Technology Corp R8C/16 Datasheet HTML 90Page - Renesas Technology Corp R8C/16 Datasheet HTML 91Page - Renesas Technology Corp R8C/16 Datasheet HTML 92Page - Renesas Technology Corp R8C/16 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 76 of 254
REJ09B0169-0210
11.4
Address Match Interrupt
An address match interrupt request is generated immediately before executing the instruction at the
address indicated by the RMADi register (i=0, 1). This interrupt is used for a break function of the
debugger. When using the on-chip debugger, do not set an address match interrupt (the registers of
AIER, RMAD0, RMAD1 and the fixed vector tables) in a user system.
Set the starting address of any instruction in the RMADi register. The AIER0 and AIER1 bits in the
AIER0 register can select to enable or disable the interrupt. The I flag and IPL do not affect the address
match interrupt.
The value of the PC (Refer to 11.1.6.7 Saving a Register for the value of the PC) which is saved to the
stack when an address match interrupt is acknowledged varies depending on the instruction at the
address indicated by the RMADi register (The appropriate return address is not pushed on the stack).
When returning from the address match interrupt, return by one of the following:
• Change the content of the stack and use the REIT instruction.
• Use an instruction such as POP to restore the stack as it was before an interrupt request was
acknowledged. And then use a jump instruction.
Table 11.6 lists the Value of PC Saved to Stack when Address Match Interrupt is Acknowledged.
Figure 11.19 shows the AIER and RMAD0 to RMAD1 Registers.
NOTES:
1. Refer to the 11.1.6.7 Saving a Register for the saved PC value.
Table 11.6
Value of PC Saved to Stack when Address Match Interrupt is Acknowledged
Address Indicated by RMADi Register (i=0,1)
PC Value Saved(1)
• 16-bit operation code instruction
• Instruction shown below among 8-bit operation code instructions
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B:S
#IMM8,dest
STNZ.B:S
#IMM8,dest
STZX.B:S #IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM
dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (However, dest = A0 or A1)
Address indicated by
RMADi register + 2
• Instructions other than the above
Address indicated by
RMADi register + 1
Table 11.7
Between Address Match Interrupt Factor and Associated Registers
Address Match Interrupt Factor Address Match Interrupt Enable Bit
Address Match Interrupt Register
Address Match Interrupt 0
AIER0
RMAD0
Address Match Interrupt 1
AIER1
RMAD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com