Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 81Page - Renesas Technology Corp R8C/16 Datasheet HTML 82Page - Renesas Technology Corp R8C/16 Datasheet HTML 83Page - Renesas Technology Corp R8C/16 Datasheet HTML 84Page - Renesas Technology Corp R8C/16 Datasheet HTML 85Page - Renesas Technology Corp R8C/16 Datasheet HTML 86Page - Renesas Technology Corp R8C/16 Datasheet HTML 87Page - Renesas Technology Corp R8C/16 Datasheet HTML 88Page - Renesas Technology Corp R8C/16 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 72 of 254
REJ09B0169-0210
11.2.4
INT3 Interrupt
The INT3 interrupt is generated by the INT3 input. Set the TCC07 bit in the TCC0 register to “0”
(INT3).
When the TCC06 bit in the TCC0 register is set to “0”, the INT3 interrupt request is generated
synchronizing with the count source of timer C. When the TCC06 bit is set to “1”, the INT3 interrupt
request is generated when the INT3 is input.
The INT3 input contains a digital filter. The IR bit in the INT3IC register is set to “1” (interrupt
requested) when the INT3 level is sampled for every sampling clock and the sampled input level
matches three times. The sampling clock is selected by the TCC11 to TCC10 bits in the TCC1
register. When selecting “Filter”, the interrupt request is generated synchronizing with the sampling
clock even if the TCC06 bit is set to “1”. The P3_3 bit in the P3 register indicates the previous value
before filtering regardless of the contents set in the TCC11 to TCC10 bits.
The INT3 pin is used with the TCIN pin.
When setting the TCC07 bit to “1” (fRING128), the INT3 interrupt is generated by the fRING128
clock. The IR bit in the INT3IC register is set to “1” (interrupt requested) every fRING128 clock cycle
or every half fRING128 clock cycle.
Figure 11.15 shows the TCC0 Register and Figure 11.16 shows the TCC1 Register.
Figure 11.15
TCC0 Register
Timer C Control Register 0
Symbol
Address
After Reset
TCC0
009Ah
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
Interrupt and Capture
Polarity Select Bit(1,2)
Set to “0”
INT3
_____
Interrupt Request Generation
0 : INT3
_____
Interrupt is generated
Timing Select Bit(2,3)
synchronizing w ith Timer C count
1 : INT3
_____
Interrupt is generated w hen
INT3
_____
interrupt is input(4)
INT3
_____
Interrupt and Capture Input
0 : INT3
_____
Sw itch Bit(1,2)
1 : f RING128
NOTES :
1.
2.
3.
4.
When the TCC13 bit is set to “1” (output compare mode) and INT3
_____
interrupt is input, regardless of the
When using INT3
_____
f ilter, the INT3
_____
interrupt is generated synchronizing w ith the clock f or the digital f ilter.
setting value of the TCC06 bit, an interrupt request is generated.
TCC02
RW
TCC07
RW
TCC06
RW
Change this bit w hen the TCC00 bit is set to “0” (count stop).
TCC00
RW
TCC01
RW
b1 b0
0
b7 b6 b5 b4 b3 b2
RW
TCC04
RW
TCC03
Timer C Count Start Bit
0 : Stops counting
1 : Starts counting
Timer C Count Source Select Bit(1)
b2 b1
0 0 : f 1
0 1 : f 8
1 0 : f 32
1 1 : f RING-fast
The IR bit in the INT3IC register may be set to “1” (requests interrupt) w hen the TCC03, TCC04, TCC06 and TCC07
bits are rew ritten. Ref er to 20.2.5 Changing Inte rrupt Factor.
b4 b3
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Do not set
—
(b5)
Reserved Bit
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com