Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 91Page - Renesas Technology Corp R8C/16 Datasheet HTML 92Page - Renesas Technology Corp R8C/16 Datasheet HTML 93Page - Renesas Technology Corp R8C/16 Datasheet HTML 94Page - Renesas Technology Corp R8C/16 Datasheet HTML 95Page - Renesas Technology Corp R8C/16 Datasheet HTML 96Page - Renesas Technology Corp R8C/16 Datasheet HTML 97Page - Renesas Technology Corp R8C/16 Datasheet HTML 98Page - Renesas Technology Corp R8C/16 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 279 page
background image
R8C/16 Group, R8C/17 Group
12. Watchdog Timer
Rev.2.10
Jan 19, 2006
Page 82 of 254
REJ09B0169-0210
12.2
When Count Source Protection Mode Enabled
The count source of the watchdog timer is the low-speed on-chip oscillator clock when count source
protection mode is enabled. If the CPU clock stops when the program is out of control, the clock can be
supplied to the watchdog timer. Table 12.3 lists the Specification of Watchdog Timer (When Count
Source Protection Mode is Enabled).
NOTES:
1. The WDTON bit cannot be changed by a program. When setting the WDTON bit, write “0” to the bit
0 of the address 0FFFFh by a flash writer.
2. Even if writing “0” to the CSPROINI bit in the OFS register, the CSPRO bit is set to “1”. The
CSPROINI bit cannot be changed by a program. When setting the CSPROINI bit, write “0” to the bit
7 of the address 0FFFFh by a flash writer.
Table 12.3
Specification of Watchdog Timer (When Count Source Protection Mode is Enabled)
Item
Specification
Count Source
Low-speed on-chip oscillator clock
Count Operation
Decrement
Period
Count value of watchdog timer (4096)
Low-speed on-chip oscillator clock
e.g.Period is approximately 32.8ms when the low-speed on-chip
oscillator clock is 125 kHz
Count Start Condition
The WDTON bit(1) in the OFS register (0FFFFh) selects the operation
of the watchdog timer after reset.
• When the WDTON bit is set to “1” (watchdog timer is in stop state
after reset)
The watchdog timer and prescaler stop after reset and the count
starts by writing to the WDTS register
• When the WDTON bit is set to “0” (watchdog timer starts
automatically after reset)
The watchdog timer and prescaler start counting automatically after
reset
Reset Condition of Watchdog
Timer
• Reset
• Write “00h” to the WDTR register before writing “FFh”
• Underflow
Count Stop Condition
None (the count does not stop in wait mode after the count starts. The
microcomputer does not enter stop mode)
Operation at the time of
Underflow
Watchdog timer reset (refer to 5.5 Watchdog Timer Reset)
Register, Bit
• When setting the CSPPRO bit in the CSPR register to “1” (count
source protection mode is enabled)(2), the following are set
automatically
- Set 0FFFh to the watchdog timer
- Set the CM14 bit in the CM1 register to “0” (low-speed on-chip
oscillator on)
- Set the PM12 bit in the PM1 register to “1” (The watchdog timer is
reset when watchdog timer underflows)
• The following states are held in count source protection mode
- Writing to the CM10 bit in the CM1 register disables (It remains
unchanged even if it is set to “1”. The microcomputer does not
enter stop mode)
- Writing to the CM14 bit in the CM1 register disables (It remains
unchanged even if it is set to “1”. The low-speed on-chip oscillator
does not stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com