Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 95Page - Renesas Technology Corp R8C/16 Datasheet HTML 96Page - Renesas Technology Corp R8C/16 Datasheet HTML 97Page - Renesas Technology Corp R8C/16 Datasheet HTML 98Page - Renesas Technology Corp R8C/16 Datasheet HTML 99Page - Renesas Technology Corp R8C/16 Datasheet HTML 100Page - Renesas Technology Corp R8C/16 Datasheet HTML 101Page - Renesas Technology Corp R8C/16 Datasheet HTML 102Page - Renesas Technology Corp R8C/16 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 86 of 254
REJ09B0169-0210
Figure 13.3
PREX, TX, and TCSS Registers
Prescaler X Register
Symbol
Address
After Reset
PREX
008Ch
FFh
Mode
Function
Setting Range
RW
Event Counter Mode
Counts input pulses from external
00h to FFh
RW
Pulse Output Mode
RW
Counts internal count source
00h to FFh
Timer Mode
RW
Counts internal count source
00h to FFh
b7
b0
Measures pulse w idth of input pulses from
external (counts internal count source)
00h to FFh
RW
Pulse Period
Measurement Mode
Measures pulse period of input pulses from
external (counts internal count source)
00h to FFh
RW
Pulse Width
Measurement Mode
Timer X Register
Symbol
Address
After Reset
TX
008Dh
FFh
Setting Range
RW
b0
b7
RW
00h to FFh
Function
Counts underflow of Prescaler X
Timer Count Source Setting Register
Symbol
Address
After Reset
TCSS
008Eh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
b3 b2 b1 b0
00
TXCK0
RW
b7 b6 b5 b4
00
TXCK1
RW
Timer X Count Source Select
Bit(1)
b1 b0
0 0 : f1
0 1 : f8
1 0 : fRING
1 1 : f2
Reserved Bit
—
(b3-b2)
RW
RW
Set to “0”
TZCK1
RW
Timer Z Count Source Select
Bit(1)
b5 b4
0 0 : f1
0 1 : f8
1 0 : Selects Timer X underflow
1 1 : f2
TZCK0
Do not sw itch a count source during a count operation. Stop the timer count before sw itching a count
source.
—
(b7-b6)
Reserved Bit
Set to “0”
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com