Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 59Page - Renesas Technology Corp R8C/16 Datasheet HTML 60Page - Renesas Technology Corp R8C/16 Datasheet HTML 61Page - Renesas Technology Corp R8C/16 Datasheet HTML 62Page - Renesas Technology Corp R8C/16 Datasheet HTML 63Page - Renesas Technology Corp R8C/16 Datasheet HTML 64Page - Renesas Technology Corp R8C/16 Datasheet HTML 65Page - Renesas Technology Corp R8C/16 Datasheet HTML 66Page - Renesas Technology Corp R8C/16 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 50 of 254
REJ09B0169-0210
9.4.2.4
Exiting Wait Mode
The microcomputer exits wait mode by a hardware reset or peripheral function interrupt. When using
a hardware reset to exit wait mode, set the ILVL2 to ILVL0 bits for the peripheral function interrupts to
“000b” (interrupts disabled) before executing the WAIT instruction.
The peripheral function interrupts are affected by the CM02 bit. When the CM02 bit is set to “0”
(peripheral function clock does not stop in wait mode), all peripheral function interrupts can be used
to exit wait mode. When the CM02 bit is set to “1” (peripheral function clock stops in wait mode), the
peripheral functions using the peripheral function clock stop operating and the peripheral functions
operated by external signals can be used to exit wait mode.
Table 9.3 lists Interrupts to Exit Wait Mode and Usage Conditions.
When using a peripheral function interrupt to exit wait mode, set up the following before executing
the WAIT instruction.
(1) Set the interrupt priority level to the ILVL2 to ILVL0 bits in the interrupt control register of the
peripheral function interrupts to use for exiting wait mode. Set the ILVL2 to ILVL0 bits of the
peripheral function interrupts not to use for exiting wait mode to “000b” (disables interrupt).
(2) Set the I flag to “1”.
(3) Operate the peripheral functions to use for exiting wait mode.
When an interrupt request is generated and the CPU clock supply is started if exiting by the
peripheral function interrupt, an interrupt sequence is executed.
The CPU clock, when exiting wait mode by a peripheral function interrupt, is the same clock as the
CPU clock when the WAIT instruction is executed.
Table 9.3
Interrupts to Exit Wait Mode and Usage Conditions
Interrupt
CM02=0
CM02=1
Serial Interface Interrupt
Usable when operating with
internal or external clocks
Usable when operating with external
clock
IIC Interrupt
Usable in all modes
−(Do not use)
Key Input Interrupt
Usable
Usable
A/D Conversion Interrupt
Usable in one-shot mode
−(Do not use)
Timer X Interrupt
Usable in all modes
Usable in event counter mode
Timer Z Interrupt
Usable in all modes
−(Do not use)
Timer C Interrupt
Usable in all modes
−(Do not use)
INT Interrupt
Usable
Usable (INT0 and INT3 are usable if
there is no filter.
Voltage Monitor 2 Interrupt
Usable
Usable
Oscillation Stop Detection
Interrupt
Usable
−(Do not use)
Watchdog Timer Interrupt
Usable in count source protect
mode
Usable in count source protect mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com