Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 116Page - Renesas Technology Corp R8C/16 Datasheet HTML 117Page - Renesas Technology Corp R8C/16 Datasheet HTML 118Page - Renesas Technology Corp R8C/16 Datasheet HTML 119Page - Renesas Technology Corp R8C/16 Datasheet HTML 120Page - Renesas Technology Corp R8C/16 Datasheet HTML 121Page - Renesas Technology Corp R8C/16 Datasheet HTML 122Page - Renesas Technology Corp R8C/16 Datasheet HTML 123Page - Renesas Technology Corp R8C/16 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 107 of 254
REJ09B0169-0210
Figure 13.18
Operating Example of Timer Z in Programmable Waveform Generation Mode
Count Source
00h
01h
TZS Bit in
TZMR Register
“1”
“0”
“1”
“0”
TZOPL Bit in
PUM Register
“1”
“0”
“H”
“L”
Contents of Timer Z
TZOUT Pin Output
IR Bit in
TZIC Register
Set to “1” by program
Set to "0" by program
Set to “0” when interrupt request
is acknowledged, or set by
program
Waveform
output starts
Prescaler Z
Underflow Signal
Timer Z
secondary
reloads
Timer Z
primary
reloads
02h
01h
00h
01h
00h
02h
Waveform
output inverts
Waveform
output inverts
Primary period
Secondary period
Primary period
The above applies to the following conditions.
PREZ=01h, TZPR=01h, TZSC=02h
TZOC register TZOCNT bit = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com