Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 124Page - Renesas Technology Corp R8C/16 Datasheet HTML 125Page - Renesas Technology Corp R8C/16 Datasheet HTML 126Page - Renesas Technology Corp R8C/16 Datasheet HTML 127Page - Renesas Technology Corp R8C/16 Datasheet HTML 128Page - Renesas Technology Corp R8C/16 Datasheet HTML 129Page - Renesas Technology Corp R8C/16 Datasheet HTML 130Page - Renesas Technology Corp R8C/16 Datasheet HTML 131Page - Renesas Technology Corp R8C/16 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 115 of 254
REJ09B0169-0210
13.3
Timer C
Timer C is a 16-bit timer. Figure 13.23 shows the Block Diagram of Timer C. Figure 13.24 shows the
Block Diagram of CMP Waveform Generation Unit. Figure 13.25 shows the Block Diagram of CMP
Waveform Output Unit.
Timer C has two modes: input capture mode and output compare mode. Figure 13.26 to 13.29 show the
Timer C-associated registers.
Figure 13.23
Block Diagram of Timer C
=01b
=10b
f8
f1
=11b
f32
TCC11 to TCC10
Digital
Filter
TM0 Register
INT3 Interrupt
Other than
00b
=00b
Edge
Detection
TCC07=0
TCC07=1
fRING128
Lower 8 Bits
Capture and Compare 0 Register
Higher 8 Bits
Compare Circuit 0
TC Register
Lower 8 Bits
Counter
Higher 8 Bits
Compare Circuit 1
TM1 Register
Lower 8 Bits
Compare Register 1
Higher 8 Bits
=00b
=01b
=11b
f8
f1
=10b
f32
TCC02 to TCC01
TYC00
fRING-fast
TCC12=1
TCC12
=0
Transfer Signal
Timer C Interrupt
Compare 1 Interrupt
Timer C Counter Reset Signal
TCC01 to TCC02, TCC07: Bits in TCC0 register
TCC10 to TCC12: Bits in TCC1 register
INT3/TCIN
Compare 0 Interrupt
Sampling
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com