Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 130Page - Renesas Technology Corp R8C/16 Datasheet HTML 131Page - Renesas Technology Corp R8C/16 Datasheet HTML 132Page - Renesas Technology Corp R8C/16 Datasheet HTML 133Page - Renesas Technology Corp R8C/16 Datasheet HTML 134Page - Renesas Technology Corp R8C/16 Datasheet HTML 135Page - Renesas Technology Corp R8C/16 Datasheet HTML 136Page - Renesas Technology Corp R8C/16 Datasheet HTML 137Page - Renesas Technology Corp R8C/16 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 121 of 254
REJ09B0169-0210
13.3.1
Input Capture Mode
Input capture mode is mode to input an edge to the TCIN pin or the fRING128 clock as trigger to latch
the timer value and generates an interrupt request. The TCIN input contains a digital filter and this
prevents an error caused by noise or so on from occurring. Table 13.11 shows Specification of Input
Capture Mode. Figure 13.30 shows an Operating Example in Input Capture Mode.
NOTES:
1. The digital filter delay and one count source (max.) delay are generated for the INT3 interrupt.
2. Read the TC and TM0 registers in 16-bit unit.
Table 13.11
Specification of Input Capture Mode
Item
Specification
Count Source
f1, f8, f32, fRING-fast
Count Operation
• Increment
• Transfer the value in the TC register to the TM0 register at the active edge
of measurement pulse
• The value in the TC register is set to “0000h” when count stops
Count Start Condition
The TCC00 bit in the TCC0 register is set to “1” (count starts)
Counter Stop Condition
The TCC00 bit in the TCC0 register is set to “0” (count stops)
Interrupt Request
Generation Timing
• When the active edge of measurement pulse is input [INT3 interrupt](1)
• When Timer C overflows [Timer C interrupt]
INT3/TCIN Pin Function
Programmable I/O port or measurement pulse input (INT3 interrupt input)
P1_0 to P1_2, P3_3 to
P3_5 Pin Function
Programmable I/O port
Counter Value Reset
Timing
When the TCC00 bit in the TCC0 register is set to “0” (capture disabled)
Read from Timer(2)
• The count value can be read out by reading the TC register.
• The count value at measurement pulse active edge input can be read out
by reading the TM0 register.
Write to Timer
Write to the TC and TM0 registers is disabled
Select Function
•INT3/TCIN polarity select function
The TCC03 to TCC04 bits can select the active edge of measurement
pulse
• Digital filter function
The TCC11 to TCC10 bits can select the digital filter sampling frequency
• Trigger select function
The TCC07 bit can select the TCIN input or the fRING128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com