Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 196Page - Renesas Technology Corp R8C/16 Datasheet HTML 197Page - Renesas Technology Corp R8C/16 Datasheet HTML 198Page - Renesas Technology Corp R8C/16 Datasheet HTML 199Page - Renesas Technology Corp R8C/16 Datasheet HTML 200Page - Renesas Technology Corp R8C/16 Datasheet HTML 201Page - Renesas Technology Corp R8C/16 Datasheet HTML 202Page - Renesas Technology Corp R8C/16 Datasheet HTML 203Page - Renesas Technology Corp R8C/16 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 279 page
background image
R8C/16 Group, R8C/17 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 187 of 254
REJ09B0169-0210
Figure 17.5
PD1, PD3 and PD4 Registers
Figure 17.6
P1, P3 and P4 Registers
Port Pi Direction Register (i=1, 3, 4)
(1, 2)
Symbol
Address
After Reset
PD1
00E3h
00h
PD3
00E7h
00h
PD4
00EAh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
PDi_6
RW
Bits PD4_0 to PD4_4, PD4_6 and PD4_7 in the PD4 register are unavailable on this MCU. If it is necessary to set bits
PD4_0 to PD4_4, PD4_6 and PD4_7, set to “0” (input mode). When read, the content is “0”.
PDi_7
Port Pi7 Direction Bit
RW
Bits PD3_0 to PD3_2 and PD3_6 in the PD3 register are unavailable on this MCU. If it is necessary to set bits PD3_0 to
PD3_2 and PD3_6, set to “0” (input mode). When read, the content is “0”.
b3 b2
PDi_2
b1 b0
PDi_1
PDi_0
b7 b6 b5 b4
RW
RW
Port Pi5 Direction Bit
RW
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
RW
RW
Port Pi6 Direction Bit
RW
PDi_3
Port Pi3 Direction Bit
PDi_5
Port Pi0 Direction Bit
Port Pi1 Direction Bit
Port Pi4 Direction Bit
Port Pi2 Direction Bit
PDi_4
Port Pi Register (i=1, 3, 4)
(1, 2)
Symbol
Address
After Reset
P1
00E1h
Indeterminate
P3
00E5h
Indeterminate
P4
00E8h
Indeterminate
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
RW
Port Pi6 Bit
RW
Port Pi2 Bit
RW
The pin level on any I/O port w hich is set
for input mode can be read by reading the
corresponding bit in this register. The pin
level on any I/O port w hich is set for
output mode can be controlled by w riting
to the corresponding bit in this register.
0 : “L” level
1 : “H” level(1)
RW
RW
RW
RW
Port Pi0 Bit
Port Pi1 Bit
Port Pi7 Bit
Port Pi5 Bit
Port Pi4 Bit
Port Pi3 Bit
b7 b6 b5 b4
b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b3 b2 b1
Bits P4_0 to P4_4 in the P4 register are unavailable on this MCU. If it is necessary to set bits P4_0 to P4_4, set to
“0” (“L” level). When read, the content is “0”.
Bits P3_0 to P3_2 and P3_6 in the P3 register are unavailable on this MCU. If it is necessary to set bits P3_0 to P3_2
and P3_6, set to “0” (“L” level). When read, the content is “0”.
Pi_7
Pi_6
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com