Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 209Page - Renesas Technology Corp R8C/16 Datasheet HTML 210Page - Renesas Technology Corp R8C/16 Datasheet HTML 211Page - Renesas Technology Corp R8C/16 Datasheet HTML 212Page - Renesas Technology Corp R8C/16 Datasheet HTML 213Page - Renesas Technology Corp R8C/16 Datasheet HTML 214Page - Renesas Technology Corp R8C/16 Datasheet HTML 215Page - Renesas Technology Corp R8C/16 Datasheet HTML 216Page - Renesas Technology Corp R8C/16 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 200 of 254
REJ09B0169-0210
18.4
CPU Rewrite Mode
In CPU rewrite mode, user ROM area can be rewritten by executing software commands from the CPU.
Therefore, the user ROM area can be rewritten directly while the microcomputer is mounted on a board
without using such as a ROM programmer. Execute the program and block erase commands only to
each block in user ROM area.
When an interrupt request is generated during an erase operation in CPU rewrite mode, the flash
module contains an erase-suspend function which performs the interrupt process after the erase
operation is halted temporarily. During the erase-suspend, user ROM area can be read by a program.
CPU rewrite mode contains erase write 0 mode(EW0 mode) and erase write 1 mode(EW1 mode). Table
18.3 lists the Differences between EW0 Mode and EW1 Mode.
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (rewrite enables) and rewriting Block 0 is
enabled by setting the FMR15 bit in the FMR1 register to “0” (rewrite enables). Rewriting Block 1 is
enabled by setting the FMR16 bit to “0” (rewrite enables).
Table 18.3
Differences between EW0 Mode and EW1 Mode
Item
EW0 Mode
EW1 Mode
Operating Mode
Single chip mode
Single chip mode
Area in which rewrite
control program can be
allocated
User ROM area
User ROM area
Area in which rewrite
control program can be
executed
Necessary to transfer to any areas
other than the flash memory (e.g.,
RAM) before executing
Executing directly on user ROM area
is possible
Area which can be
rewritten
User ROM area
User ROM area
However, other than the blocks
which contain a rewrite control
program(1)
Software Command
Restriction
None
• Program, block erase command
Disable to execute on any block
which contains a rewrite control
program
• Disables to execute the read status
register command
Mode after Program or
Erase
Read status register mode
Read array mode
CPU Status during
Auto-Write and Auto-Erase
Operation
Hold state (I/O ports hold state
before the command is executed)
Flash Memory Status
Detection
• Read the FMR00, FMR06, and
FMR07 bits in the FMR0 register by
a program
• Execute the read status register
command and read the SR7, SR5,
and SR4 bits in the status register.
Read the FMR00, FMR06, and
FMR07 bits in the FMR0 register by a
program
Condition for Transition to
Erase-Suspend
Set the FMR40 and FMR41 bits in
the FMR4 register to “1” by a
program.
The FMR40 bit in the FMR4 register
is set to “1” and the interrupt request
of the enabled maskable interrupt is
generated
CPU Clock
5MHz or below
No restriction to the following (clock
frequency to be used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com