Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 248Page - Renesas Technology Corp R8C/16 Datasheet HTML 249Page - Renesas Technology Corp R8C/16 Datasheet HTML 250Page - Renesas Technology Corp R8C/16 Datasheet HTML 251Page - Renesas Technology Corp R8C/16 Datasheet HTML 252Page - Renesas Technology Corp R8C/16 Datasheet HTML 253Page - Renesas Technology Corp R8C/16 Datasheet HTML 254Page - Renesas Technology Corp R8C/16 Datasheet HTML 255Page - Renesas Technology Corp R8C/16 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 279 page
background image
R8C/16 Group, R8C/17 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 239 of 254
REJ09B0169-0210
20.2.6
Changing Interrupt Control Register
(a) Each interrupt control register can only be changed while interrupt requests corresponding to
that register are not generated. If interrupt requests may be generated, disable the interrupts
before changing the interrupt control register.
(b) When changing any interrupt control register after disabling interrupts, be careful with the
instructions to be used.
When changing any bit other than IR bit
If an interrupt request corresponding to that register is generated while executing the
instruction, the IR bit may not be set to “1” (interrupt requested), and the interrupt request may
be ignored. If this causes a problem, use the following instructions to change the register.
Instructions to use: AND, OR, BCLR, BSET
When changing IR bit
If the IR bit is set to “0” (interrupt not requested), it may not be set to “0” depending on the
instruction to be used. Therefore, use the MOV instruction to set the IR bit to “0”.
(c) When disabling interrupts using the I flag, set the I flag according to the following sample
programs. Refer to (b) for the change of interrupt control registers in the sample programs.
Sample programs 1 to 3 are preventing the I flag from being set to “1” (interrupt enables) before
changing the interrupt control register for reasons of the internal bus or the instruction queue buffer.
Example 1: Use NOP instructions to prevent I flag being set to “1” before interrupt control
register is changed
INT_SWITCH1:
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H
; Set TXIC register to “00h”
NOP
;
NOP
FSET
I
; Enable interrupts
Example 2: Use dummy read to have FSET instruction wait
INT_SWITCH2:
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H
; Set TXIC register to “00h”
MOV.W MEM, R0
; Dummy read
FSET
I
; Enable interrupts
Example 3: Use POPC instruction to change I flag
INT_SWITCH3:
PUSHC FLG
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H
; Set TXIC register to “00h”
POPC
FLG
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com