Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 116Page - Renesas Technology Corp 4502 Datasheet HTML 117Page - Renesas Technology Corp 4502 Datasheet HTML 118Page - Renesas Technology Corp 4502 Datasheet HTML 119Page - Renesas Technology Corp 4502 Datasheet HTML 120Page - Renesas Technology Corp 4502 Datasheet HTML 121Page - Renesas Technology Corp 4502 Datasheet HTML 122Page - Renesas Technology Corp 4502 Datasheet HTML 123Page - Renesas Technology Corp 4502 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 214 page
background image
2.1 I/O pins
2-3
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
(3)
Port P2
Port P2 is a 2-bit I/O port.
Also, its key-on wakeup function is switched to ON/OFF by the register K20 and K21, and its pull-
up transistor function is switched to ON/OFF by the register PU20 and PU21.
s Input/output of port P2
q Data input to port P2
Set the output latch of specified port P2i (i=0, 1) to “1” with the OP2A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P2 is transferred to register A when the IAP2 instruction is executed.
However, port P2 is 2 bits and A2 and A3 are fixed to “0.”
qData output from port P2
The contents of register A is output to port P2 with the OP2A instruction.
The output structure is an N-channel open-drain.
(4)
Port P3
Port P3 is a 2-bit I/O port.
s Input/output of port P3
q Data input to port P3
Set the output latch of specified port P3i (i=0, 1) to “1” with the OP3A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P3 is transferred to register A when the IAP3 instruction is executed.
However, port P3 is 2 bits and A2 and A3 are fixed to “0.”
qData output from port P3
The contents of register A is output to port P3 with the OP3A instruction.
The output structure is an N-channel open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com