Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 130Page - Renesas Technology Corp 4502 Datasheet HTML 131Page - Renesas Technology Corp 4502 Datasheet HTML 132Page - Renesas Technology Corp 4502 Datasheet HTML 133Page - Renesas Technology Corp 4502 Datasheet HTML 134Page - Renesas Technology Corp 4502 Datasheet HTML 135Page - Renesas Technology Corp 4502 Datasheet HTML 136Page - Renesas Technology Corp 4502 Datasheet HTML 137Page - Renesas Technology Corp 4502 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 214 page
background image
2.2 Interrupts
2-17
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.2.3 Interrupt application examples
(1)
INT interrupt
The INT pin is used for external 0 interrupt, of which valid waveforms can be chosen, which can
recognize the change of both edges (“H”
→“L” or “L”→“H”).
Outline: An external 0 interrupt can be used by dealing with the change of edge (“H”
→“L” or
“L”
→“H”) in both directions as a trigger.
Specifications: An interrupt occurs by the change of an external signals edge (“H”
→“L” or “L”→“H”).
Figure 2.2.1 shows an operation example of an external 0 interrupt, and Figure 2.2.2 shows a setting
example of an external 0 interrupt.
(2)
Timer 1 interrupt
Constant period interrupts by a setting value to timer 1 can be used.
Outline: The constant period interrupts by the timer 1 underflow signal can be used.
Specifications: Prescaler and timer 1 divide the system clock frequency f(XIN) = 4.0 MHz, and the
timer 1 interrupt occurs every 1 ms.
Figure 2.2.3 shows a setting example of the timer 1 constant period interrupt.
(3)
Timer 2 interrupt
Constant period interrupts by a setting value to timer 2 can be used.
Outline: The constant period interrupts by the timer 2 underflow signal can be used.
Specifications: Timer 2 and prescaler divide the system clock frequency (= 4.0 MHz), and the timer
2 interrupt occurs every about 1 ms.
Figure 2.2.4 shows a setting example of the timer 2 constant period interrupt.
Fig. 2.2.1 INT interrupt operation example
P13/INT
P13/INT
“H”
“H”
“L”
“L”
An interrupt occurs after the valid waveform “falling” is detected.
An interrupt occurs after the valid waveform “rising” is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com