Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 127Page - Renesas Technology Corp 4502 Datasheet HTML 128Page - Renesas Technology Corp 4502 Datasheet HTML 129Page - Renesas Technology Corp 4502 Datasheet HTML 130Page - Renesas Technology Corp 4502 Datasheet HTML 131Page - Renesas Technology Corp 4502 Datasheet HTML 132Page - Renesas Technology Corp 4502 Datasheet HTML 133Page - Renesas Technology Corp 4502 Datasheet HTML 134Page - Renesas Technology Corp 4502 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 214 page
background image
2.2 Interrupts
2-14
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
(4)
A/D interrupt
The interrupt request occurs by the end of the A/D conversion.
s A/D interrupt processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 2 of the interrupt control register V2 and the
interrupt enable flag INTE are set to “1.” When the A/D interrupt occurs, the interrupt processing
is executed from address C in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZAD instruction is valid when the bit 2 of register V2 is set
to “0.”
2.2.2 Related registers
(1)
Interrupt enable flag (INTE)
The interrupt enable flag (INTE) controls whether the every interrupt enable/disable.
Interrupts are enabled when INTE flag is set to “1” with the EI instruction and disabled when INTE
flag is cleared to “0” with the DI instruction.
When any interrupt occurs, the INTE flag is automatically cleared to “0,” so that other interrupts are
disabled until the EI instruction is executed.
Note: The interrupt enabled with the EI instruction is performed after the EI instruction and one more
instruction.
(2)
Interrupt control register V1
Interrupt enable bit of external 0, timer 1 and timer 2 are assigned to register V1.
Set the contents of this register through register A with the TV1A instruction.
In addition, the TAV1 instruction can be used to transfer the contents of register V1 to register A.
Table 2.2.1 shows the interrupt control register V1.
Table 2.2.1 Interrupt control register V1
Interrupt control register V1
at reset : 00002
at RAM back-up : 00002
R/W
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid) (Note 2)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid) (Note 2)
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
Not used
External 0 interrupt enable bit
V13
V12
V11
V10
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: These instructions are equivalent to the NOP instruction.
3: When the interrupt is set, V11 is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com