Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 123Page - Renesas Technology Corp 4502 Datasheet HTML 124Page - Renesas Technology Corp 4502 Datasheet HTML 125Page - Renesas Technology Corp 4502 Datasheet HTML 126Page - Renesas Technology Corp 4502 Datasheet HTML 127Page - Renesas Technology Corp 4502 Datasheet HTML 128Page - Renesas Technology Corp 4502 Datasheet HTML 129Page - Renesas Technology Corp 4502 Datasheet HTML 130Page - Renesas Technology Corp 4502 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 214 page
background image
2.1 I/O pins
2-10
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
2.1.3 Port application examples
(1)
Key input by key scan
Key matrix can be set up by connecting keys externally because port D output structure is an N-
channel open-drain and port P0 has the pull-up resistor.
Outline: The connecting required external part is just keys.
Specifications: Port D is used to output “L” level and port P0 is used to input 16 keys.
Figure 2.1.1 shows the key input and Figure 2.1.2 shows the key input timing.
Fig. 2.1.1 Key input by key scan
SW4
SW3
SW2
SW8
SW7
SW6
SW9
SW11
SW10
SW12
SW16SW15SW14SW13
D0
D1
D2
D3
P00
P01
P02
P03
SW1
SW5
M34502
Fig. 2.1.2 Key scan input timing
D0
D1
D2
D3
IAP0IAP0IAP0IAP0
IAP0
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
Input to
SW1–SW4
Input to
SW13–SW16
Input to
SW9–SW12
Input to
SW5–SW8
Input to
SW1–SW4
Key input period
Switching key input selection port (D
→D )
Stabilizing wait time for input
Reading port (key input)
Note: “H” output of port D becomes high-impedance state.
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com