Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 124Page - Renesas Technology Corp 4502 Datasheet HTML 125Page - Renesas Technology Corp 4502 Datasheet HTML 126Page - Renesas Technology Corp 4502 Datasheet HTML 127Page - Renesas Technology Corp 4502 Datasheet HTML 128Page - Renesas Technology Corp 4502 Datasheet HTML 129Page - Renesas Technology Corp 4502 Datasheet HTML 130Page - Renesas Technology Corp 4502 Datasheet HTML 131Page - Renesas Technology Corp 4502 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 214 page
background image
2.1 I/O pins
2-11
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.1.4 Notes on use
(1)
Note when an I/O port is used as an input port
Set the output latch to “1” and input the port value before input. If the output latch is set to “0,” “L”
level can be input.
(2)
Noise and latch-up prevention
Connect an approximate 0.1
µF bypass capacitor directly to the VSS line and the VDD line with the
thickest possible wire at the shortest distance, and equalize its wiring in width and length.
The CNVSS pin is also used as the VPP pin (programming voltage = 12.5 V) at the One Time PROM
version.
Connect the CNVSS/VPP pin to VSS through an approximate 5 k
Ω resistor which is connected to the
CNVSS/VPP pin at the shortest distance.
(3)
Note on multifunction
• The input/output of D2, D3, P12 and P13 can be used even when C, K, CNTR (input) and INT are
selected.
• The input of P12 can be used even when CNTR (output) is selected.
• The input/output of P20, P21, P30 and P31 can be used even when AIN0, AIN1, AIN2 and AIN3 are
selected.
(4)
Connection of unused pins
Table 2.1.8 shows the connections of unused pins.
(5)
SD, RD instructions
When the SD and RD instructions are used, do not set “01102” or more to register Y.
(6)
Analog input pins
When both analog input AIN0–AIN3 and I/O ports P2 and P3 function are used, note the following;
• Selection of analog input pins
Even when P20/AIN0, P21/AIN1, P30/AIN2, P31/AIN3 are set to pins for analog input, they continue to
function as ports P2 and P3 input/output. Accordingly, when any of them are used as I/O port and
others are used as analog input pins, make sure to set the outputs of pins that are set for analog
input to “1.”
Also, the port input function of the pin functions as an analog input is undefined.
(7)
Notes on port P13/INT pin
When the bit 3 of register I1 is cleared, the RAM back-up mode is selected and the input of INT pin
is disabled, be careful about the following notes.
• When the key-on wakeup function of port P13 is not used (register K13 = “0”), clear bits 2 and 3
of register I1 before system enters to the RAM back-up mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com