Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 133Page - Renesas Technology Corp 4502 Datasheet HTML 134Page - Renesas Technology Corp 4502 Datasheet HTML 135Page - Renesas Technology Corp 4502 Datasheet HTML 136Page - Renesas Technology Corp 4502 Datasheet HTML 137Page - Renesas Technology Corp 4502 Datasheet HTML 138Page - Renesas Technology Corp 4502 Datasheet HTML 139Page - Renesas Technology Corp 4502 Datasheet HTML 140Page - Renesas Technology Corp 4502 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 214 page
background image
2.2 Interrupts
2-20
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
Fig. 2.2.4 Timer 2 constant period interrupt setting example
0
b3
b0
➀ Disable Interrupts
Timer 2 interrupt is temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V1
“0”
✕✕ ✕
All interrupts disabled (DI instruction)
Timer 2 interrupt occurrence disabled
(TV1A instruction)
b3
b0
0 1
➁ Stop Timer 2 Operation
Timer 2 and prescaler are temporarily stopped.
Dividing ratio of prescaler is selected.
Timer control register W1
Prescaler stop (TW1A instruction)
Prescaler divided by 16 selected for count source
➂ Set Timer Value
Timer 2 count time is set. (The formula is shown ❈A below.)
Timer 2 reload register R2 “5216”
Timer count value 82 set (T2AB instruction)
➃ Clear Interrupt Request
Timer 2 interrupt activated condition is cleared.
Timer 2 interrupt request flag T2F “0”
Timer 2 interrupt activated condition cleared
(SNZT2 instruction)
Note when the interrupt request is cleared
When ➃ is executed, considering the skip of the next instruction according to the
interrupt request flag T2F, insert the NOP instruction after the SNZT2 instruction.
b3
b0
✕
1
✕
➄ Start Timer 2 Operation
Timer 2 and prescaler temporarily stopped are restarted.
Timer control register W1
Prescaler operation start (TW1A instruction)
1
b3b0
1
➅ Enable Interrupts
The timer 2 interrupt which is temporarily disabled is enabled.
Interrupt control register V1
“1”
Timer 2 interrupt occurrence enabled
(TV1A instruction)
All interrupts enabled (EI instruction)
✕✕ ✕
Constant period interrupt execution start
❈A The prescaler dividing ratio and timer 2 count value to make the interrupt occur
every about 1 ms are set as follows.
1 ms
≅ (4.0 MHz) ✕ 3
✕ 16
✕ (82+1)
–1
System clock Instruction
clock
Prescaler
dividing
ratio
Timer
2count
value
“✕”: it can be “0” or “1.”
b3
b0
0
1
0
Timer control register W2
✕
Timer 2 stop (TW2A instruction)
Prescaler output selected for count source
✕✕
b3b0
0
11
Timer control register W2Timer 2 operation start (TW2A instruction)
✕
Interrupt enable flag INTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com