Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 135Page - Renesas Technology Corp 4502 Datasheet HTML 136Page - Renesas Technology Corp 4502 Datasheet HTML 137Page - Renesas Technology Corp 4502 Datasheet HTML 138Page - Renesas Technology Corp 4502 Datasheet HTML 139Page - Renesas Technology Corp 4502 Datasheet HTML 140Page - Renesas Technology Corp 4502 Datasheet HTML 141Page - Renesas Technology Corp 4502 Datasheet HTML 142Page - Renesas Technology Corp 4502 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 214 page
background image
2.3 Timers
2-22
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
2.3 Timers
The 4502 Group has two 8-bit timers (each has a reload register) and a 16-bit fixed dividing frequency timer
which has the watchdog timer function.
This section describes individual types of timers, related registers, application examples using timers and
notes.
2.3.1 Timer functions
(1)
Timer 1
s Timer operation
(Timer 1 has the timer 1 count start trigger function from P13/INT pin input)
(2)
Timer 2
s Timer operation
(3)
16-bit timer
s Watchdog function
Watchdog timer provides a method to reset the system when a program run-away occurs.
System operates after it is released from reset. When the timer count value underflows, the WDF1
flag is set to “1.” Then, if the WRST instruction is never executed until timer WDT counts 65534,
WDF2 flag is set to “1,” and system reset occurs.
When the DWDT instruction and the WRST instruction are executed continuously, the watchdog timer
function is invalid.
The WRST instruction has the skip function. When the WRST instruction is executed while the WDF1
flag is “1”, the WDF1 flag is cleared to “0” and the next instruction is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com