Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 143Page - Renesas Technology Corp 4502 Datasheet HTML 144Page - Renesas Technology Corp 4502 Datasheet HTML 145Page - Renesas Technology Corp 4502 Datasheet HTML 146Page - Renesas Technology Corp 4502 Datasheet HTML 147Page - Renesas Technology Corp 4502 Datasheet HTML 148Page - Renesas Technology Corp 4502 Datasheet HTML 149Page - Renesas Technology Corp 4502 Datasheet HTML 150Page - Renesas Technology Corp 4502 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 214 page
background image
2.3 Timers
2-30
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
Fig. 2.3.6 Timer start by external input setting example (1)
0
b3b0
➀ Disable Interrupts
Timer 1 interrupt and INT interrupt are temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V1
“0”
✕✕
All interrupts disabled (DI instruction)
Timer 1 interrupt occurrence disabled
(TV1A instruction)
INT interrupt occurrence disabled
0
b3
b0
0 1
➂ Stop Timer Operation
Timer 1 and prescaler are temporarily stopped.
Dividing ratio of prescaler is selected.
Timer control register W1
1
Timer 1 stop (TW1A instruction)
Prescaler stop
Prescaler divided by 16 selected
Count start synchronous circuit selected
0
➄ Set Timer Value
Timer 1 count time is set.
Timer 1 reload register R1 “5216”
Timer count value 82 set (T1AB instruction)
b3
b0
➃ Set Port
P13/INT pin is set to INT input.
Port P13 output latch
✕
✕ ✕
Input mode is set (OP1A instruction)
➅ Clear Interrupt Request
Timer 1 interrupt activated condition is cleared.
Timer 1 interrupt request flag T1F “0”
Timer 1 interrupt activated condition cleared
(SNZT1 instruction)
Note when the interrupt request is cleared
When ➅ is executed, considering the skip of the next instruction according to the
interrupt request flag T1F, insert the NOP instruction after the SNZT1 instruction.
b3
b0
0
0
➁ Initialize valid waveform
INT pin is initialized.
INT pin input disabled, Timer 1 control disabled.
Interrupt control register I1
✕
INT pin input disabled (TI1A instruction)
Timer 1 control disalbed
✕
b3
b0
1 1
➆ Start Timer Operation
Timer 1 and prescaler temporarily stopped are restarted.
Timer control register W1
1
Timer 1 operating (TW1A instruction)
Prescaler operating
1
1
Continue to Figure 2.3.7 on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com