Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 145Page - Renesas Technology Corp 4502 Datasheet HTML 146Page - Renesas Technology Corp 4502 Datasheet HTML 147Page - Renesas Technology Corp 4502 Datasheet HTML 148Page - Renesas Technology Corp 4502 Datasheet HTML 149Page - Renesas Technology Corp 4502 Datasheet HTML 150Page - Renesas Technology Corp 4502 Datasheet HTML 151Page - Renesas Technology Corp 4502 Datasheet HTML 152Page - Renesas Technology Corp 4502 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 214 page
background image
2.3 Timers
2-32
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
Fig. 2.3.8 Watchdog timer setting example
••
••
••
Main routine (every 20 ms)
➀ Reset Flag WDF1
Watchdog timer flag WDF1 is reset.
“0”
Watchdog timer flag WDF1 cleared
(WRST instruction)
Main routine execution
Repeat
Do not clear watchdog timer flag WDF1 in interrupt service routine.
Interrupt may be executed even if program run-away occurs.
When going to RAM back-up mode
WRST
; WDF flag cleared
NOP
DI
; Interrupt disabled
EPOF
; POF instruction enabled
POF
↓
Oscillation stop (RAM back-up mode)
In the RAM back-up mode, WEF, WDF1 and WDF2 flags are initialized. However, when WDF2 flag is set to “1”, at the
same time, system enters RAM back-up mode, microcomputer may be reset. When watchdog timer and RAM back-up
mode are used, execute the WRST instruction before system enters the RAM back-up mode to initialize WDF1 flag.
Note when the watchdog timer flag is cleared
When ➀ is executed, considering the skip of the next instruction according to the
watchdog timer flag WDF1, insert the NOP instruction after the WRST instruction.
2.3.4 Notes on use
(1)
Prescaler
Stop the prescaler operation to change its frequency dividing ratio.
(2)
Count source
Stop timer 1 or 2 counting to change its count source.
(3)
Reading the count values
Stop timer 1 or 2 counting and then execute the TAB1 or TAB2 instruction to read its data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com