Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 149Page - Renesas Technology Corp 4502 Datasheet HTML 150Page - Renesas Technology Corp 4502 Datasheet HTML 151Page - Renesas Technology Corp 4502 Datasheet HTML 152Page - Renesas Technology Corp 4502 Datasheet HTML 153Page - Renesas Technology Corp 4502 Datasheet HTML 154Page - Renesas Technology Corp 4502 Datasheet HTML 155Page - Renesas Technology Corp 4502 Datasheet HTML 156Page - Renesas Technology Corp 4502 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 214 page
background image
2.4 A/D converter
2-36
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
Fig. 2.4.2 A/D conversion mode setting example
b3
b0
➀ Disable Interrupts
A/D interrupt is temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V2
“0”
✕
✕
All interrupts disabled (DI instruction)
A/D interrupt occurrence disabled
(TV2A instruction)
0
✕
➁ Set A/D Converter
A/D conversion mode is selected to A/D operation mode.
Analog input pin AIN0 is selected.
A/D control register Q1
A/D conversion mode, AIN0 selected
(TQ1A instruction)
b3
b0
✕
0
0 0
➂ Clear Interrupt Request
A/D interrupt activated condition is cleared.
A/D conversion completion flag ADF “0”
A/D conversion interrupt activated condition cleared
(SNZAD instruction)
Note when the interrupt request is cleared
When ➂ is executed, considering the skip of the next instruction according to the
flag ADF, insert the NOP instruction after the SNZAD instruction.
When interrupt is
not used
When interrupt is used
➃ Set Interrupt
Interrupts except A/D conversion is
enabled (EI instruction)
➃ Set Interrupt
A/D conversion interrupt temporarily disabled is enabled.
b3
b0
1
✕✕ ✕
Interrupt control register V2
A/D interrupt occurrence enabled
(TV2A instruction)
Interrupt enable flag INTE
“1”
All interrupts enabled
(EI instruction)
➄ Start A/D Conversion
A/D conversion operation is started (ADST instruction).
When interrupt is not used
When interrupt is used
➅ Check A/D Interrupt Request
A/D conversion completion flag is
checked (SNZAD instruciton)
➅ A/D Conversion Interrupt Occur
➆ Execute A/D Conversion
High-order 8 bits of register AD
→ Register A and register B (TABAD instruction)
Low-order 2 bits of register AD
→ High-order 2 bits of register A (TALA instruction)
“0” is set to low-order 2 bits of register A
“✕”: it can be “0” or “1.”
When A/D conversion is executed by the same channel, ➄ to ➆ is repeated.
When A/D conversion is executed by the another channel, ➀ to ➆ is repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com