Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 151Page - Renesas Technology Corp 4502 Datasheet HTML 152Page - Renesas Technology Corp 4502 Datasheet HTML 153Page - Renesas Technology Corp 4502 Datasheet HTML 154Page - Renesas Technology Corp 4502 Datasheet HTML 155Page - Renesas Technology Corp 4502 Datasheet HTML 156Page - Renesas Technology Corp 4502 Datasheet HTML 157Page - Renesas Technology Corp 4502 Datasheet HTML 158Page - Renesas Technology Corp 4502 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 214 page
background image
2.4 A/D converter
2-38
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
(4)
A/D converter is used at the comparator mode
The analog input voltage is higher than the comparison voltage as a result of comparison, the
contents of ADF flag retains “0,” not set to “1.”
In this case, the A/D interrupt does not occur even when the usage of the A/D interrupt is enabled.
Accordingly, consider the time until the comparator operation is completed, and examine the state
of ADF flag by software. The comparator operation is completed after 8 machine cycles.
(5)
Analog input pins
Even when P20/AIN0, P21/AIN1, P30/AIN2 and P31/AIN3 are set to pins for analog input, they continue
to function as P2 and P3 I/O. Accordingly, when any of them are used as these ports and others are
used as analog input pins, make sure to set the outputs of pins that are set for analog input to “1.”
Also, the port input function of the pin functions as an analog input is undefined.
(6)
TALA instruction
When the TALA instruction is executed, the low-order 2 bits of register AD is transferred to the high-
order 2 bits of register A, and simultaneously, the low-order 2 bits of register A is “0.”
(7)
Recommended operating conditions when using A/D converter
The recommended operating conditions of supply voltage and system clock frequency when using A/
D converter are different from those when not using A/D converter.
Table 2.4.2 shows the recommended operating conditions when using A/D converter.
Table 2.4.2 Recommended operating conditions (when using A/D converter)
Parameter
System clock frequency
(at ceramic resonance or
RC oscillation) (Note 2)
System clock frequency
(ceramic
resonance
selected, at external
clock input)
Condition
VDD = VRST to 5.5 V (high-speed mode)
VDD = VRST to 5.5 V (middle-speed mode)
VDD = VRST to 5.5 V (low-speed mode)
VDD = VRST to 5.5 V (default mode)
VDD = VRST to 5.5 V (high-speed mode)
VDD = VRST to 5.5 V (middle-speed mode)
VDD = VRST to 5.5 V (low-speed mode)
VDD = VRST to 5.5 V (default mode)
Limits
Min.
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Max.
4.4
2.2
1.1
0.5
3.2
1.6
0.8
0.4
Unit
MHz
Typ.
Duty
40 % to 60 %
Notes 1: VRST: Detection voltage of voltage drop detection circuit.
2: The frequency at RC oscillation is affected by a capacitor, a resistor and a microcomputer. So,
set the constants within the range of the frequency limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com