| Electronic Components Datasheet Search |
|
4502 Datasheet(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4502 Datasheet(HTML) 159 Page - Renesas Technology Corp |
|
159 / 214 page ![]() 2-42 Rev.2.01 Feb 02, 2005 4502 Group APPLICATION REJ09B0193-0201 2.6 Voltage drop detection circuit 2.6 Voltage drop detection circuit The built-in voltage drop detection circuit is designed to detect a drop in voltage and to reset the microcomputer if the supply voltage drops below a set value. Figure 2.6.1 shows the voltage drop detection circuit, and Figure 2.6.2 shows the operation waveform example of the voltage drop detection circuit. Fig. 2.6.1 Voltage drop detection circuit Fig. 2.6.2 Voltage drop detection circuit operation waveform example Note: Refer to section “3.1 Electrical characteristics” for the reset voltage of the voltage drop detection circuit. + – VRST VDD Q S R Reset signal Return input EPOF instruction + POF2 instruction (continuous execution) (Note 2) Voltage drop detection circuit reset signal (Note 1) Voltage drop detection circuit Notes 1: In the RAM back-up mode by the POF2 instruction, the voltage drop detection circuit stops. 2: When the VDD (supply voltage) is VRST (detection voltage) or less, the voltage drop detection circuit reset signal is output. VDD The microcomputer starts operation after the on-chip oscillator (internal oscillator) is counted 5359 times. Note 3 Voltage drop detection circuit reset signal RESET pin Notes 1: After system is released from reset, the on-chip oscillator (internal oscillator) is selected as the operation clock of the microcomputer. 2: Refer to the voltage drop detection circuit characteristics in the electrical characteristics for the rating value of VRST (detection voltage). 3: The VRST (detection voltage) does not include hysteresis. VRST (Detection voltage) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |