Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 157Page - Renesas Technology Corp 4502 Datasheet HTML 158Page - Renesas Technology Corp 4502 Datasheet HTML 159Page - Renesas Technology Corp 4502 Datasheet HTML 160Page - Renesas Technology Corp 4502 Datasheet HTML 161Page - Renesas Technology Corp 4502 Datasheet HTML 162Page - Renesas Technology Corp 4502 Datasheet HTML 163Page - Renesas Technology Corp 4502 Datasheet HTML 164Page - Renesas Technology Corp 4502 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 214 page
background image
2.7 RAM back-up
2-44
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
Remarks
Key-on wakeup function can be selected with
every one port. Set the port using the key-on
wakeup function to “H” level before going into
the RAM back-up state.
Select the return level (“L” level or “H” level)
with the bit 2 of register I1 according to the
external state before going into the RAM back-
up state.
Return condition
Return by an external “L” level input.
Return by an external “H” level or “L”
level input. The return level can be
selected by register I12. When the
return level is input, the EXF0 flag is
not set.
Table 2.7.2 Return source and return condition
Note: When the bit 3 (K13) of the key-on wakeup control register K1 is “0”, the key-on wakeup (“H” level
or “L” level) of INT pin is set. When the K13 is “1”, the key-on wakeup (“L” level) of port P13 is set.
(2)
Start condition identification
When system returns from both RAM back-up mode and reset, software is started from address 0
in page 0.
The start condition (warm start or cold start) can be identified by examining the state of the power
down flag (P) with the SNZP instruction.
Table 2.7.3 Start condition identification
Fig. 2.7.1 Start condition identified example
Return source
Port P0
Port P1 (Note)
Port P2
Port D2/C
Port D3/K
Port P13/INT
(Note)
Return condition
External wakeup signal input
Reset
P flag
1
0
Program start
P = “1”
?
Yes
Warm start
Cold start
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com