Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 153Page - Renesas Technology Corp 4502 Datasheet HTML 154Page - Renesas Technology Corp 4502 Datasheet HTML 155Page - Renesas Technology Corp 4502 Datasheet HTML 156Page - Renesas Technology Corp 4502 Datasheet HTML 157Page - Renesas Technology Corp 4502 Datasheet HTML 158Page - Renesas Technology Corp 4502 Datasheet HTML 159Page - Renesas Technology Corp 4502 Datasheet HTML 160Page - Renesas Technology Corp 4502 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 214 page
background image
2-40
Rev.2.01
Feb 02, 2005
4502 Group
APPLICATION
REJ09B0193-0201
• Program counter (PC) ............................................................................................
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE) ...................................................................................
• Power down flag (P) ...............................................................................................
• External 0 interrupt request flag (EXF0) ................................................................
• Interrupt control register V1 ...................................................................................
• Interrupt control register V2 ...................................................................................
• Interrupt control register I1 ....................................................................................
• Timer 1 interrupt request flag (T1F) ......................................................................
• Timer 2 interrupt request flag (T2F) ......................................................................
• A/D conversion completion flag ADF .....................................................................
• Watchdog timer flags (WDF1, WDF2) ...................................................................
• Watchdog timer enable flag (WEF) .......................................................................
• Timer control register W1 ......................................................................................
• Timer control register W2 ......................................................................................
• Timer control register W6 ......................................................................................
• Clock control register MR ......................................................................................
• Key-on wakeup control register K0 .......................................................................
• Key-on wakeup control register K1 .......................................................................
• Key-on wakeup control register K2 .......................................................................
• Pull-up control register PU0 ...................................................................................
• Pull-up control register PU1 ...................................................................................
• Pull-up control register PU2 ...................................................................................
• A/D control register Q1 ..........................................................................................
• Carry flag (CY) .......................................................................................................
• Register A ..............................................................................................................
• Register B ..............................................................................................................
• Register D ..............................................................................................................
• Register E ..............................................................................................................
• Register X ..............................................................................................................
• Register Y ..............................................................................................................
• Register Z ...............................................................................................................
• Stack pointer (SP) ..................................................................................................
• Operation source clock ................................. On-chip oscillator (operation state)
• Ceramic resonator ........................................................................ Operation state
• RC oscillation circuit ............................................................................. Stop state
2.5.2 Internal state at reset
Figure 2.5.3 shows the internal state at reset. The contents of timers, registers, flags and RAM other than
shown in Figure 2.5.3 are undefined, so that set them to initial values.
Fig. 2.5.3 Internal state at reset
“✕” represents undefined.
2.5 Reset
00
000
000
000
000
✕✕✕ ✕✕✕ ✕✕
0
(Interrupt disabled)
0
0
0
0
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
0
000
0
0
0
0
1
0
0
0
0
(Prescaler, timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
0
000
1
100
0
000
0
000
0
000
0
000
0
000
0
000
0
000
0
0
000
0
000
✕✕✕
0
000
0
000
✕✕
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com