Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 152Page - Renesas Technology Corp 4502 Datasheet HTML 153Page - Renesas Technology Corp 4502 Datasheet HTML 154Page - Renesas Technology Corp 4502 Datasheet HTML 155Page - Renesas Technology Corp 4502 Datasheet HTML 156Page - Renesas Technology Corp 4502 Datasheet HTML 157Page - Renesas Technology Corp 4502 Datasheet HTML 158Page - Renesas Technology Corp 4502 Datasheet HTML 159Page - Renesas Technology Corp 4502 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 214 page
background image
2-39
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.5 Reset
System reset is performed by applying “L” level to the RESET pin for 1 machine cycle or more when the
following conditions are satisfied:
qthe value of supply voltage is the minimum value or more of the recommended operating conditions
qoscillation is stabilized.
Then when “H” level is applied to RESET pin, the software starts from address 0 in page 0 after elapsing
of the internal oscillation stabilizing time (On-chip oscillator (internal oscillator) clock is counted for 5359
times). Figure 2.5.2 shows the oscillation stabilizing time.
2.5.1 Reset circuit
The 4502 Group has the voltage drop detection circuit.
(1)
Power-on reset
Reset can be automatically performed at power on (power-on reset) by the built-in power-on reset
circuit. When the built-in power-on reset circuit is used, the time for the supply voltage to rise from
0 V to 2.0 V must be set to 100
µs or less. If the rising time exceeds 100 µs, connect a capacitor
between the RESET pin and VSS at the shortest distance, and input “L” level to RESET pin until the
value of supply voltage reaches the minimum operating voltage.
Fig. 2.5.1 Structure of reset pin and its peripherals, and power-on reset operation
Fig. 2.5.2 Oscillation stabilizing time after system is released from reset
2.5 Reset
RESET pin
WEF
Watchdog reset signal
(Note 1)
Pull-up transistor
(Note 1)
Power-on reset circuit
Volgate drop detection circuit
VDD (Note 3)
100
µs or less
(Note 2)
Internal reset signal
Power-on
Reset released
Internal reset signal
Reset
state
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
3: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Power-on reset circuit output
RESET
0.3VDD
0.85VDD
(Note)
Note: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Reset input
1 machine cycle or more
Program starts
(address 0 in page 0)
On-chip oscillator (internal oscillator)
is
counted 5359 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com