Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 148Page - Renesas Technology Corp 4502 Datasheet HTML 149Page - Renesas Technology Corp 4502 Datasheet HTML 150Page - Renesas Technology Corp 4502 Datasheet HTML 151Page - Renesas Technology Corp 4502 Datasheet HTML 152Page - Renesas Technology Corp 4502 Datasheet HTML 153Page - Renesas Technology Corp 4502 Datasheet HTML 154Page - Renesas Technology Corp 4502 Datasheet HTML 155Page - Renesas Technology Corp 4502 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 214 page
background image
2.4 A/D converter
2-35
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.4.1 Related registers
(1)
A/D control register Q1
A/D operation mode control bit and analog input pin selection bits are assigned to register Q1.
Set the contents of this register through register A with the TQ1A instruction. The TAQ1 instruction
can be used to transfer the contents of register Q1 to register A.
Table 2.4.1 shows the A/D control register Q1.
Table 2.4.1 A/D control register Q1
A/D control register Q1
at reset : 00002
at RAM back-up : state retained
R/W
A/D operation mode control bit
Not used
Analog input pin selection bits
Q13
Q12
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When A/D converter is used, Q12 is not used.
2.4.2 A/D converter application examples
(1)
A/D conversion mode
Outline: Analog input signal from a sensor can be converted into digital values.
Specifications: Analog voltage values from a sensor is converted into digital values by using a 10-
bit successive comparison method. Use the AIN0 pin for this analog input.
Figure 2.4.2 shows the A/D conversion mode setting example.
Q11
0
0
1
1
A/D conversion mode
Comparator mode
This bit has no function, but read/write is enabled.
Q10
0
1
0
1
Selected pins
AIN0
AIN1
AIN2
AIN3
Q11
Q10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com