Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 158Page - Renesas Technology Corp 4502 Datasheet HTML 159Page - Renesas Technology Corp 4502 Datasheet HTML 160Page - Renesas Technology Corp 4502 Datasheet HTML 161Page - Renesas Technology Corp 4502 Datasheet HTML 162Page - Renesas Technology Corp 4502 Datasheet HTML 163Page - Renesas Technology Corp 4502 Datasheet HTML 164Page - Renesas Technology Corp 4502 Datasheet HTML 165Page - Renesas Technology Corp 4502 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 214 page
background image
2.7 RAM back-up
2-45
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.7.2 Related registers
(1)
Key-on wakeup control register K0
Register K0 controls the ON/OFF of the key-on wakeup function of ports P00–P03.
Set the contents of this register through register A with the TK0A instruction.
The contents of register K0 is transferred to register A with the TAK0 instruction.
Table 2.7.4 shows the key-on wakeup control register K0.
Table 2.7.4 Key-on wakeup control register K0
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
R/W
Key-on wakeup invalid
Key-on wakeup valid
Key-on wakeup invalid
Key-on wakeup valid
Key-on wakeup invalid
Key-on wakeup valid
Key-on wakeup invalid
Key-on wakeup valid
Port P03
key-on wakeup control bit
Port P02
key-on wakeup control bit
Port P01
key-on wakeup control bit
Port P00
key-on wakeup control bit
0
1
0
1
0
1
0
1
K03
K02
K01
K00
Note: “R” represents read enabled, and “W” represents write enabled.
(2)
Key-on wakeup control register K1
Register K1 controls the ON/OFF of the key-on wakeup function of ports P10–P13.
Set the contents of this register through register A with the TK1A instruction.
The contents of register K1 is transferred to register A with the TAK1 instruction.
Table 2.7.5 shows the key-on wakeup control register K1.
Table 2.7.5 Key-on wakeup control register K1
Key-on wakeup control register K1
at reset : 00002
at RAM back-up : state retained
R/W
P13 key-on wakeup invalid/INT pin key-on wakeup valid
P13 key-on wakeup valid/INT pin key-on wakeup invalid
Key-on wakeup invalid
Key-on wakeup valid
Key-on wakeup invalid
Key-on wakeup valid
Key-on wakeup invalid
Key-on wakeup valid
Port P13/INT
key-on wakeup control bit
Port P12/CNTR
key-on wakeup control bit
Port P11
key-on wakeup control bit
Port P10
key-on wakeup control bit
0
1
0
1
0
1
0
1
K13
K12
K11
K10
Note: “R” represents read enabled, and “W” represents write enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com