Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 344Page - Renesas Technology Corp 7721 Datasheet HTML 345Page - Renesas Technology Corp 7721 Datasheet HTML 346Page - Renesas Technology Corp 7721 Datasheet HTML 347Page - Renesas Technology Corp 7721 Datasheet HTML 348Page - Renesas Technology Corp 7721 Datasheet HTML 349Page - Renesas Technology Corp 7721 Datasheet HTML 350Page - Renesas Technology Corp 7721 Datasheet HTML 351Page - Renesas Technology Corp 7721 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 577 page
background image
DMA CONTROLLER
13-69
13.7 Array chain transfer mode
7721 Group User’s Manual
b7
b0
b15
b8
Source address register 0 (Addresses 1FC216 to 1FC016) (SAR0)
Source address register 1 (Addresses 1FD216 to 1FD016) (SAR1)
Source address register 2 (Addresses 1FE216 to 1FE016) (SAR2)
Source address register 3 (Addresses 1FF216 to 1FF016) (SAR3)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the start address of transfer parameter memory.
These bits can be set to “00000016” to “FFFFFF16.”
[Read]
• After a value is written to this register and until
transfer starts, the read value indicates the written
value (the start address of the transfer parameter
memory).
• After transfer starts, the read value indicates the
source address of data which is next transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
b23
b16
b7
b0
b15
b8
Destination address register 0 (Addresses 1FC616 to 1FC416) (DAR0)
Destination address register 1 (Addresses 1FD616 to 1FD416) (DAR1)
Destination address register 2 (Addresses 1FE616 to 1FE416) (DAR2)
Destination address register 3 (Addresses 1FF616 to 1FF416) (DAR3)
Functions
Bit
At reset
RW
23 to 0 Need not to be set.
[Read]
After transfer starts, the read value indicates the
destination address of data which is next transferred.
Undefined
RW
b23
b16
b7
b0
b15
b8
Transfer counter register 0 (Addresses 1FCA16 to 1FC816) (TCR0)
Transfer counter register 1 (Addresses 1FDA16 to 1FD816) (TCR1)
Transfer counter register 2 (Addresses 1FEA16 to 1FE816) (TCR2)
Transfer counter register 3 (Addresses 1FFA16 to 1FF816) (TCR3)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the number of transfer blocks.
These bits can be set to “00000116” to “FFFFFF16.”
[Read]
• After a value is written to this register and until
transfer starts, the read value indicates the written
value (the transfer block number) .
• After transfer starts, the read value indicates the
remaining byte number of the block which is being
transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
Do not write “00000016” to this register.
b23
b16
Fig. 13.7.1 Register structures of SARi, DARi, and TCRi in array chain transfer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com