Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 570 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 570 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 566Page - Renesas Technology Corp 7721 Datasheet HTML 567Page - Renesas Technology Corp 7721 Datasheet HTML 568Page - Renesas Technology Corp 7721 Datasheet HTML 569Page - Renesas Technology Corp 7721 Datasheet HTML 570Page - Renesas Technology Corp 7721 Datasheet HTML 571Page - Renesas Technology Corp 7721 Datasheet HTML 572Page - Renesas Technology Corp 7721 Datasheet HTML 573Page - Renesas Technology Corp 7721 Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–107
Appendix 12. Standard characteristics
Appendix 12. Standard characteristics
Standard characteristics described below are just examples of the M37721S2BFP’s characteristics and are
not guaranteed. For each parameter’s limits, refer to section “Appendix 11. Electrical characteristics.”
1. Programmable I/O port (CMOS output) standard characteristics
(1) P-channel IOH–VOH characteristics
(2) N-channel IOL–VOL characteristics
30.0
24.0
18.0
12.0
6.0
0
1.0
2.0
3.0
4.0
5.0
VOL [V]
Ta = 25 °C
Ta = 85 °C
30.0
24.0
18.0
12.0
6.0
0
1.0
2.0
3.0
4.0
5.0
VOH [V]
Ta = 25 °C
Ta = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com