Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 568Page - Renesas Technology Corp 7721 Datasheet HTML 569Page - Renesas Technology Corp 7721 Datasheet HTML 570Page - Renesas Technology Corp 7721 Datasheet HTML 571Page - Renesas Technology Corp 7721 Datasheet HTML 572Page - Renesas Technology Corp 7721 Datasheet HTML 573Page - Renesas Technology Corp 7721 Datasheet HTML 574Page - Renesas Technology Corp 7721 Datasheet HTML 575Page - Renesas Technology Corp 7721 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–109
Appendix 12. Standard characteristics
3. A-D converter standard characteristics
The lower lines of the graph indicate the absolute precision errors. These are expressed as the deviation
from the ideal value when the output code changes. For example, the change in output code from 0 to 1
should occur at 10 mV, but the measured value is +2 mV. Accordingly, the measured point of change is
10 + 2 = 12 mV.
The upper lines of the graph indicate the input voltage width for which the output code is constant. For
example, the measured input voltage width for which the output code is 15 is 24 mV, so that the differential
non-linear error is 24 – 20 = 4 mV (0.2 LSB).
[Measurement conditions]
•Vcc = 5 V, VREF = 5.12 V, f(XIN) = 25 MHz, Ta = 25 °C,
φAD = f2 divided by 2
30
0
20
30
10
0
STEP No.
20
10
0
–10
–20
–30
8
1624324048566472808896
104
112
120
128
30
128
20
30
10
0
STEP No.
20
10
0
–10
–20
–30
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com