Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 565Page - Renesas Technology Corp 7721 Datasheet HTML 566Page - Renesas Technology Corp 7721 Datasheet HTML 567Page - Renesas Technology Corp 7721 Datasheet HTML 568Page - Renesas Technology Corp 7721 Datasheet HTML 569Page - Renesas Technology Corp 7721 Datasheet HTML 570Page - Renesas Technology Corp 7721 Datasheet HTML 571Page - Renesas Technology Corp 7721 Datasheet HTML 572Page - Renesas Technology Corp 7721 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 577 page
background image
7721 Group User’s Manual
17–106
APPENDIX
Appendix 11. Electrical characteristics
Fig. 13 Test circuit for each pin
___
Fig. 14 Test circuit for TC output delay time and
___
TC output pulse width
A0/MA0–A7/MA7
A8/D8–A15/D15
A16/D0–A23/D7
P4
P5
P6
P7
P8
P9
P10
E
1
100 pF
100 pF
TC
3 k
Ω
Table 6 Calculation formulas for DMA transfer bus timing
depending on f(XIN) (Vcc = 5 V ± 10 %, Vss = 0 V,
Ta = –20 to 85 °C)
td(AL–E)
td(AM–E)
td(AH–E)
tw(ALE)
td(BLE–E)
td(BHE–E)
td(R/W–E)
th(E–AL)
th(E–AM)
th(E–DLQ)
th(E–DHQ)
tpzx(E–DLZ)
tpzx(E–DHZ)
th(E–BLE)
th(E–BHE)
th(E–R/W)
tw(EL)
tw(TC)
Symbol
Unit
1 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
2 ! 109
f(XIN)
4 ! 109
f(XIN)
2 ! 109
f(XIN)
– 25
– 18
– 20
– 22
– 22
– 25
– 22
– 20
– 25
– 30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
f(XIN)
1 ! 109
Transfer source/Transfer
destination wait bit = “1”
Transfer source/Transfer
destination wait bit = “0”
Calculation formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com