Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 564Page - Renesas Technology Corp 7721 Datasheet HTML 565Page - Renesas Technology Corp 7721 Datasheet HTML 566Page - Renesas Technology Corp 7721 Datasheet HTML 567Page - Renesas Technology Corp 7721 Datasheet HTML 568Page - Renesas Technology Corp 7721 Datasheet HTML 569Page - Renesas Technology Corp 7721 Datasheet HTML 570Page - Renesas Technology Corp 7721 Datasheet HTML 571Page - Renesas Technology Corp 7721 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 577 page
background image
7721 Group User’s Manual
17–105
Appendix 11. Electrical characteristics
APPENDIX
Table 5 Calculation formulas for DRAM control bus timing depending of f(XIN)
(Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C)
Read
Symbol
tw(RASL)
tw(CASL)
tw(RASH)
td(RAS–CAS)
td(RA–RAS)
th(RAS–RA)
Calculation formula
Unit
ns
ns
ns
ns
ns
ns
3 ! 109
f(XIN)
4 ! 109
f(XIN)
2 ! 109
f(XIN)
– 40
– 27.5
– 20
1 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
– 12
– 22
– 35
Unit
ns
ns
ns
ns
ns
1 ! 109
f(XIN)
4 ! 109
f(XIN)
1 ! 109
f(XIN)
– 60
– 22
– 22
1 ! 109
f(XIN)
+ 25
Symbol
th(CAS–CA)
td(R/W–RAS)
th(CAS–R/W)
td(E–CA)
td(E–CASL)
Calculation formula
1 ! 109
f(XIN)
+ 37.5
Write
Symbol
tw(RASL)
tw(CASL)
tw(RASH)
td(RAS–CAS)
td(RA–RAS)
th(RAS–RA)
Unit
ns
ns
ns
ns
ns
ns
2 ! 109
f(XIN)
4 ! 109
f(XIN)
2 ! 109
f(XIN)
– 40
– 25
– 20
1 ! 109
f(XIN)
2 ! 109
f(XIN)
1 ! 109
f(XIN)
– 20
– 22
– 35
Unit
ns
ns
ns
ns
ns
3 ! 109
f(XIN)
1 ! 109
f(XIN)
1 ! 109
f(XIN)
– 30
– 60
– 22
1 ! 109
f(XIN)
– 22
Symbol
td(CA–CAS)
th(CAS–CA)
td(R/W–RAS)
th(CAS–R/W)
td(E–CASL)
Calculation formula
2 ! 109
f(XIN)
+ 35(0)V
V The value within ( ) is for the minimum value.
Refresh
Symbol
tw(RASL)
tw(CASL)
Unit
ns
ns
2 ! 109
f(XIN)
4 ! 109
f(XIN)
– 40
Unit
ns
ns
1 ! 109
f(XIN)
1 ! 109
f(XIN)
Symbol
td(CAS–RAS)
th(RAS–CAS)
Calculation formula
– 25
Calculation formula
Calculation formula
– 22.5
– 22.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com