| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 400 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 400 Page - Renesas Technology Corp |
|
400 / 531 page ![]() FLASH MEMORY VERSION 7906 Group User’s Manual Rev.2.0 19-23 19.3 Flash memory serial I/O mode 19.3.2. Example of handling control pins in flash memory serial I/O mode Each of pins P24 to P26, MD0, and MD1 serves as an input/output pin for a control signal in the flash memory serial I/O mode. Examples of handling these pins and pin RESET on the board are described below. (1) With control signals not affecting user system circuit When control signals in the flash memory serial I/O mode are not used in the user system circuit, or when these signals do not affect that circuit, the connections shown in Figure 19.3.3 are available. When pin P6OUTCUT, however, is used in the user system circuit, see Figures 19.3.4 and 19.3.5. Fig. 19.3.3 Example of handing control pins when control signals do not affect user system circuit P6OUTCUT M37906F User system board RESET MD1 SDA(P25) BUSY(P 26) SCLK(P 24) XIN XOUT User reset signal (Note) Not used, or Connected to the user system circuit Note: When there is a possibility that the user reset signal becomes “L” level in the flash memory serial I/O mode, be sure to cut the current flow between the user reset pin and pin RESET by using a jumper switch, etc. VSS VCC MD0 Connected to serial progra- mmer. ❈: The flash memory version of the 7906 Group ❈ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |