Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 398Page - Renesas Technology Corp 7906 Datasheet HTML 399Page - Renesas Technology Corp 7906 Datasheet HTML 400Page - Renesas Technology Corp 7906 Datasheet HTML 401Page - Renesas Technology Corp 7906 Datasheet HTML 402Page - Renesas Technology Corp 7906 Datasheet HTML 403Page - Renesas Technology Corp 7906 Datasheet HTML 404Page - Renesas Technology Corp 7906 Datasheet HTML 405Page - Renesas Technology Corp 7906 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-25
[Precautions for flash memory serial I/O mode]
[Precautions for flash memory serial I/O mode]
1. If the boot ROM area has been reprogrammed in the flash memory parallel I/O mode, the flash memory serial I/O
mode cannot be used.
2. In the flash memory serial I/O mode, we recommend to connect pin P6OUTCUT with VCC via a resistor.
(Refer to section “19.3.2 Examples of handling control pins in flash memory serial I/O mode.”)
3. When there is a possibility that the user reset signal becomes “L” level in the flash memory serial I/O mode, be sure
to cut the current flow between the user reset pin and pin RESET by using a jumper switch, etc. (Refer to
section “19.3.2 Examples of handling control pins in flash memory serial I/O mode.”)
4. Addresses FF9016 to FF9F16 (the user ROM area) are reserved for serial and parallel programmers. Therefore, be
sure not to use this area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com