Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 397Page - Renesas Technology Corp 7906 Datasheet HTML 398Page - Renesas Technology Corp 7906 Datasheet HTML 399Page - Renesas Technology Corp 7906 Datasheet HTML 400Page - Renesas Technology Corp 7906 Datasheet HTML 401Page - Renesas Technology Corp 7906 Datasheet HTML 402Page - Renesas Technology Corp 7906 Datasheet HTML 403Page - Renesas Technology Corp 7906 Datasheet HTML 404Page - Renesas Technology Corp 7906 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-24
19.3 Flash memory serial I/O mode
(2) With control signals affecting user system circuit
In the flash memory serial I/O mode, be sure to cut the current flow toward the user system circuit
if control signals for this mode are also used in the user system circuit. Figure 19.3.4 shows an
example of handling pins with jumper switches used, and Figure 19.3.5 shows an example of handling
pins with analog switches used.
Fig. 19.3.4 Example of handling pins with jumper switches used
Fig. 19.3.5 Example of handling pins with analog switches used
M37906F
RESET
User reset signal (Note 2)
User system board
Connected to the user system circuit.
MD1
SDA(P25)
BUSY(P 26)
SCLK(P 24)
XIN
XOUT
P6OUTCUT (Note 1)
VSS
VCC
MD0
Connected to
serial progra-
mmer.
Note 1: Recommended to be connected with VCC via a resistor.
2: When there is a possibility that the user reset signal becomes “L” level in the flash memory serial I/O mode,
be sure to cut the current flow between the user reset pin and pin RESET by using a jumper switch, etc.
❈: The flash memory version of the 7906 Group
❈
RESET
MD1
SDA(P25)
BUSY(P 26)
SCLK(P 24)
XIN
XOUT
P6OUTCUT
VSS
VCC
MD0
74 HC4066
User system board
Connected to the user system circuit.
M37906F
❈
(Note 1)
Connected to
serial progra-
mmer.
User reset signal (Note 2)
❈: The flash memory version of the 7906 Group
Note 1: Recommended to be connected with VCC via a resistor.
2: When there is a possibility that the user reset signal becomes “L” level in the flash memory serial I/O mode,
be sure to cut the current flow between the user reset pin and pin RESET by using a jumper switch, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com