Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 405Page - Renesas Technology Corp 7906 Datasheet HTML 406Page - Renesas Technology Corp 7906 Datasheet HTML 407Page - Renesas Technology Corp 7906 Datasheet HTML 408Page - Renesas Technology Corp 7906 Datasheet HTML 409Page - Renesas Technology Corp 7906 Datasheet HTML 410Page - Renesas Technology Corp 7906 Datasheet HTML 411Page - Renesas Technology Corp 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-4
Appendix 1. Memory assigment in SFR area
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
Access characteristics
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
: Always “0” at reading.
: Always “1” at reading.
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
0
?
1
State immediately after reset
0
Timer B2 register
4016
4116
4216
4316
4416
4516
4616
4716
4816
4916
5016
5116
5216
5316
5416
5516
5616
5716
5816
5916
5A16
5B16
5C16
5D16
5E16
5F16
4B16
4C16
4D16
4E16
4F16
4A16
Timer A2 register
Timer A3 register
Timer A4 register
Timer B0 register
Timer B1 register
Processor mode register 0
One-shot start register 0
Timer A0 register
Up-down register 0
Timer A1 register
Count start register 0
Timer A1 mode register
Timer A2 mode register
Timer A3 mode register
Timer B0 mode register
Timer B1 mode register
Timer B2 mode register
b7
b0
b7
b0
Timer A0 mode register
Timer A4 mode register
Processor mode register 1
Timer A clock division select register
Register name
Address
Access characteristics
State immediately after reset
Notes 5: The access characteristics at addresses 4616 to 4B16, 4E16, and 4F16 vary according to the timer A’s operating
mode. (Refer to “CHAPTER 7. TIMER A.”)
6: The access characteristics at addresses 5016 to 5516 vary according to the timer B’s operating mode. (Refer to
“CHAPTER 8. TIMER B.”)
7: The access characteristics for bit 5 at addresses 5B16 to 5D16 vary according to the timer B’s operating mode.
(Refer to “CHAPTER 8. TIMER B.”)
Count start register 1
One-shot start register 1
0
1
0
0
0
0
0
0
00
?
0
00
0
0
?
0
0
0
WO
RW
RW
RW
RW
RW
RW
RW
RW WO
?
?
?
?
?
?
?
?
?
?
?
?
?
0016
0016
0016
0016
?
?
0
RW
RW
RW
RW
RW
RW
(Note 7)
0
0
00
0
0
0
?
?
00
?
0
00
0
0
0
0
RW
0
0
0
0
RW
RW
(Note 6)
(Note 5)
0
0
0
0
0
00
0
0016
0016
RW
RW
0
RW
RW
0
0
00
0
?
RW
0
0
0
0
0
0
?
WO
RW
WO
0
1
0
0
0
0
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 6)
(Note 6)
(Note 6)
(Note 6)
(Note 6)
00
00
0
(Note 7)
(Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com